Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Electrical Parameters
Preliminary
Data Sheet
84
V0.91, 2007-02
Draft Version
4.3
Analog/Digital Converter Parameters
These parameters describe how the optimum ADC performance can be reached.
Table 15
A/D Converter Characteristics (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test
Condition
Min.
Max.
Analog reference supply
V
AREF
SR
V
AGND
+ 1.0
V
DDPA
+ 0.05
V
1)
1) TUE is tested at
V
AREFx = VDDPA, VAGND = 0 V. It is verified by design for all other voltages within the defined
voltage range.
The specified TUE is valid only, if the absolute sum of input overload currents on Port 5 or Port 15 pins (see
I
OV specification) does not exceed 10 mA, and if VAREF and VAGND remain stable during the respective period
of time.
Analog reference ground
V
AGND
SR
V
SS
- 0.05
V
AREF
- 1.0
V–
Analog input voltage range
V
AIN
SR
V
AGND
V
AREF
V
2)
2)
V
AIN may exceed VAGND or VAREFx up to the absolute maximum ratings. However, the conversion result in these
cases will be X000
H or X3FFH, respectively.
Basic clock frequency
f
ADCI
0.5
16.5
MHz
3)
3) The limit values for
f
ADCI must not be exceeded when selecting the peripheral frequency and the prescaler
setting.
Conversion time for 10-bit
result
4)
t
C10
CC (17 + STC)
× t
ADCI
––
Conversion time for 8-bit
result
4)
t
C8
CC (15 + STC)
× t
ADCI
––
Total unadjusted error
TUE
CC –
±2LSB 1)
Total capacitance
of an analog input
C
AINT
CC –
15
pF
5)
Switched capacitance
of an analog input
C
AINS
CC –
7
pF
5)
Resistance of
the analog input path
R
AIN
CC –
1.5
k
Ω
5)
Total capacitance
of the reference input
C
AREFT
CC –
20
pF
5)
Switched capacitance
of the reference input
C
AREFS
CC –
20
pF
5)
Resistance of
the reference input path
R
AREF
CC –
2
k
Ω
5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com