Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 68Page - Infineon Technologies AG XC2000 Datasheet HTML 69Page - Infineon Technologies AG XC2000 Datasheet HTML 70Page - Infineon Technologies AG XC2000 Datasheet HTML 71Page - Infineon Technologies AG XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Functional Description
Preliminary
Data Sheet
70
V0.91, 2007-02
Draft Version
ROL/ROR
Rotate left/right direct word GPR
2
ASHR
Arithmetic (sign bit) shift right direct word GPR
2
MOV(B)
Move word (byte) data
2 / 4
MOVBS/Z
Move byte operand to word op. with sign/zero extension
2 / 4
JMPA/I/R
Jump absolute/indirect/relative if condition is met
4
JMPS
Jump absolute to a code segment
4
JB(C)
Jump relative if direct bit is set (and clear bit)
4
JNB(S)
Jump relative if direct bit is not set (and set bit)
4
CALLA/I/R
Call absolute/indirect/relative subroutine if condition is met 4
CALLS
Call absolute subroutine in any code segment
4
PCALL
Push direct word register onto system stack and call
absolute subroutine
4
TRAP
Call interrupt service routine via immediate trap number
2
PUSH/POP
Push/pop direct word register onto/from system stack
2
SCXT
Push direct word register onto system stack and update
register with word operand
4
RET(P)
Return from intra-segment subroutine
(and pop direct word register from system stack)
2
RETS
Return from inter-segment subroutine
2
RETI
Return from interrupt service subroutine
2
SBRK
Software Break
2
SRST
Software Reset
4
IDLE
Enter Idle Mode
4
PWRDN
Unused instruction
1)
4
SRVWDT
Service Watchdog Timer
4
DISWDT/ENWDT
Disable/Enable Watchdog Timer
4
EINIT
End-of-Initialization Register Lock
4
ATOMIC
Begin ATOMIC sequence
2
EXTR
Begin EXTended Register sequence
2
EXTP(R)
Begin EXTended Page (and Register) sequence
2 / 4
EXTS(R)
Begin EXTended Segment (and Register) sequence
2 / 4
Table 8
Instruction Set Summary (cont’d)
Mnemonic
Description
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com