Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 69Page - Infineon Technologies AG XC2000 Datasheet HTML 70Page - Infineon Technologies AG XC2000 Datasheet HTML 71Page - Infineon Technologies AG XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Functional Description
Preliminary
Data Sheet
71
V0.91, 2007-02
Draft Version
NOP
Null operation
2
CoMUL/CoMAC
Multiply (and accumulate)
4
CoADD/CoSUB
Add/Subtract
4
Co(A)SHR
(Arithmetic) Shift right
4
CoSHL
Shift left
4
CoLOAD/STORE
Load accumulator/Store MAC register
4
CoCMP
Compare
4
CoMAX/MIN
Maximum/Minimum
4
CoABS/CoRND
Absolute value/Round accumulator
4
CoMOV
Data move
4
CoNEG/NOP
Negate accumulator/Null operation
4
1) The Enter Power Down Mode instruction is not used in the XC228x, due to the enhanced power control
scheme. PWRDN will be correctly decoded, but will trigger no action.
Table 8
Instruction Set Summary (cont’d)
Mnemonic
Description
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com