Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Electrical Parameters
Preliminary
Data Sheet
74
V0.91, 2007-02
Draft Version
Absolute sum of overload
currents
Σ|IOV|
–
–
50
mA
5)
External Pin Load
Capacitance
C
L
–
20
–
pF
Pin drivers in
default mode
7)
Voltage Regulator Buffer
Capacitance
C
EVR
–
680
–
nF
For each core
domain
8)
Ambient temperature
T
A
–
––°C
See Table 1
1) In case both core power domains are clocked, the difference between the power supply voltages must be less
than 10mV. This condition imposes additional constraints when using external power supplies. In order to
supply both core power domains, two independent external voltage regulators may not be used. The simplest
possibility is to supply both power domains directly via a single external power supply.
2) Performance of pad drivers, A/D Converter, and Flash module depends on
V
DDP.
3) This limitation must be fulfilled under all operating conditions including power-ramp-up, power-ramp-down,
and power-save modes, if
V
DDI is supplied externally.
4) Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range:
V
OV > VIHmax (IOV >0) or VOV < VILmin (IOV < 0). The absolute sum of input
overload currents on all pins may not exceed 50 mA. The supply voltages must remain within the specified
limits. Proper operation under overload conditions depends on the application.
Overload conditions must not occur on pin XTAL1 (powered by
V
DDI).
5) Not subject to production test - verified by design/characterization.
6) An overload current (
I
OV) through a pin injects a certain error current (IINJ) into the adjacent pins. This error
current adds to the respective pin’s leakage current (
I
OZ). The amount of error current depends on the overload
current and is defined by the overload coupling factor
K
OV. The polarity of the injected error current is inverse
compared to the polarity of the overload current that produces it.
The total current through a pin is |
I
TOT| = |IOZ| + (|IOV| × KOV). The additional error current may distort the input
voltage on analog inputs.
7) The timing is valid for pin drivers operating in default current mode (selected after reset). Reducing the output
current may lead to increased delays or reduced driving capability (
C
L).
8) To ensure the stability of the voltage regulators each core voltage domain must be buffered with a ceramic
capacitor. For domain M a 680 nF capacitor is recommended, for domain 1 three 220 nF capacitors are
recommended. All buffer capacitors must be connected als close to the
V
DDI pins as possible to keep the
resistance of the board tracks below 2
Ω.
Table 10
Operating Condition Parameters (cont’d)
Parameter
Symbol
Values
Unit Note /
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com