Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 3Page - Infineon Technologies AG XC2000 Datasheet HTML 4Page - Infineon Technologies AG XC2000 Datasheet HTML 5Page - Infineon Technologies AG XC2000 Datasheet HTML 6Page - Infineon Technologies AG XC2000 Datasheet HTML 7Page - Infineon Technologies AG XC2000 Datasheet HTML 8Page - Infineon Technologies AG XC2000 Datasheet HTML 9Page - Infineon Technologies AG XC2000 Datasheet HTML 10Page - Infineon Technologies AG XC2000 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Summary of Features
Preliminary
Data Sheet
5
V0.91, 2007-02
Draft Version
– On-Chip MultiCAN Interface (Rev. 2.0B active) with 128 Message Objects
(Full CAN/Basic CAN) on up to 5 CAN Nodes and Gateway Functionality
– On-Chip Real Time Clock
•
Up to 12 Mbytes External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed or Demultiplexed External Address/Data Buses
– Selectable Address Bus Width
– 16-Bit or 8-Bit Data Bus Width
– Five Programmable Chip-Select Signals
– Hold- and Hold-Acknowledge Bus Arbitration Support
•
Single Power Supply from 3.0 V to 5.5 V
•
Power Reduction Modes with Flexible Power Management
•
Programmable Watchdog Timer and Oscillator Watchdog
•
Up to 118 General Purpose I/O Lines
•
On-Chip Bootstrap Loader
•
Supported by a Large Range of Development Tools like C-Compilers, Macro-
Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators,
Logic Analyzer Disassemblers, Programming Boards
•
On-Chip Debug Support via JTAG Interface
•
144-Pin Green LQFP Package, 0.5 mm (19.7 mil) pitch
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
•
the derivative itself, i.e. its function set, the temperature range, and the supply voltage
•
the package and the type of delivery.
For the available ordering codes for the XC228x please refer to your responsible sales
representative or your local distributor.
This document describes several derivatives of the XC228x group. Table 1 enumerates
these derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term XC228x throughout this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com