Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 44Page - Infineon Technologies AG XC2000 Datasheet HTML 45Page - Infineon Technologies AG XC2000 Datasheet HTML 46Page - Infineon Technologies AG XC2000 Datasheet HTML 47Page - Infineon Technologies AG XC2000 Datasheet HTML 48Page - Infineon Technologies AG XC2000 Datasheet HTML 49Page - Infineon Technologies AG XC2000 Datasheet HTML 50Page - Infineon Technologies AG XC2000 Datasheet HTML 51Page - Infineon Technologies AG XC2000 Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Functional Description
Preliminary
Data Sheet
46
V0.91, 2007-02
Draft Version
The XC228x also provides an excellent mechanism to identify and to process exceptions
or error conditions that arise during run-time, so-called ‘Hardware Traps’. Hardware
traps cause immediate non-maskable system reaction which is similar to a standard
interrupt service (branching to a dedicated vector table location). The occurrence of a
hardware trap is additionally signified by an individual bit in the trap flag register (TFR).
Except when another higher prioritized trap service is in progress, a hardware trap will
interrupt any actual program execution. In turn, hardware trap services can normally not
be interrupted by standard or PEC interrupts.
Table 5 shows all of the possible exceptions or error conditions that can arise during run-
time:
Table 5
Hardware Trap Summary
Exception Condition
Trap
Flag
Trap
Vector
Vector
Location
1)
1) Register VECSEG defines the segment where the vector table is located to.
Bitfield VECSC in register CPUCON1 defines the distance between two adjacent vectors. This table
represents the default setting, with a distance of 4 (two words) between two vectors.
Trap
Number
Trap
Priority
Reset Functions
–
RESET
xx’0000
H
00
H
III
Class A Hardware Traps:
•
System Request 0
•
Stack Overflow
•
Stack Underflow
•
Software Break
SR0
STKOF
STKUF
SOFTBRK
SR0TRAP
STOTRAP
STUTRAP
SBRKTRAP
xx’0008
H
xx’0010
H
xx’0018
H
xx’0020
H
02
H
04
H
06
H
08
H
II
II
II
II
Class B Hardware Traps:
•
System Request 1
•
Undefined Opcode
•
Memory Access Error
•
Protected Instruction
Fault
•
Illegal Word Operand
Access
SR1
UNDOPC
ACER
PRTFLT
ILLOPA
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
xx’0028
H
xx’0028
H
xx’0028
H
xx’0028
H
xx’0028
H
0A
H
0A
H
0A
H
0A
H
0A
H
I
I
I
I
I
Reserved
–
–
[2C
H - 3CH][0BH -
0F
H]
–
Software Traps:
•
TRAP Instruction
––
Any
[xx’0000
H -
xx’01FC
H]
in steps of
4
H
Any
[00
H -
7F
H]
Current
CPU
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com