Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 4Page - Infineon Technologies AG XC2000 Datasheet HTML 5Page - Infineon Technologies AG XC2000 Datasheet HTML 6Page - Infineon Technologies AG XC2000 Datasheet HTML 7Page - Infineon Technologies AG XC2000 Datasheet HTML 8Page - Infineon Technologies AG XC2000 Datasheet HTML 9Page - Infineon Technologies AG XC2000 Datasheet HTML 10Page - Infineon Technologies AG XC2000 Datasheet HTML 11Page - Infineon Technologies AG XC2000 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Summary of Features
Preliminary
Data Sheet
6
V0.91, 2007-02
Draft Version
Table 1
XC228x Derivative Synopsis
Derivative
1)
1) This Data Sheet is valid for devices starting with and including design step AA.
Temp.
Range
Program
Memory
PSRAM
2)
2) All derivatives additionally provide 1 Kbyte SBRAM, 2 Kbytes DPRAM, and 16 Kbytes DSRAM.
CCU6
Mod.
ADC
3)
Chan.
3) Analog input channels are listed for each Analog/Digital Converter module separately.
Interfaces
SAK-XC2287-
96F66L
-40 °C to
125
°C
768 Kbytes
Flash
64 Kbytes
0, 1,
2, 3
16 + 8 5 CAN Nodes,
6 Serial Chan.
SAK-XC2287-
72F66L
-40 °C to
125
°C
576 Kbytes
Flash
32 Kbytes
0, 1,
2, 3
16 + 8 5 CAN Nodes,
6 Serial Chan.
SAK-XC2287-
56F66L
-40 °C to
125
°C
448 Kbytes
Flash
16 Kbytes
0, 1,
2, 3
16 + 8 5 CAN Nodes,
6 Serial Chan.
SAK-XC2286-
96F66L
-40 °C to
125
°C
768 Kbytes
Flash
64 Kbytes
0, 1
16 + 8 3 CAN Nodes,
6 Serial Chan.
SAK-XC2286-
72F66L
-40 °C to
125
°C
576 Kbytes
Flash
32 Kbytes
0, 1
16 + 8 3 CAN Nodes,
6 Serial Chan.
SAK-XC2286-
56F66L
-40 °C to
125
°C
448 Kbytes
Flash
16 Kbytes
0, 1
16 + 8 3 CAN Nodes,
6 Serial Chan.
SAK-XC2285-
96F66L
-40 °C to
125
°C
768 Kbytes
Flash
64 Kbytes
0, 1
12
2 CAN Nodes,
4 Serial Chan.
SAK-XC2285-
72F66L
-40 °C to
125
°C
576 Kbytes
Flash
32 Kbytes
0, 1
12
2 CAN Nodes,
4 Serial Chan.
SAK-XC2285-
56F66L
-40 °C to
125
°C
448 Kbytes
Flash
16 Kbytes
0, 1
12
2 CAN Nodes,
4 Serial Chan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com