Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Electrical Parameters
Preliminary
Data Sheet
89
V0.91, 2007-02
Draft Version
The timing listed in the AC Characteristics refers to TCSs. Therefore, the timing must be
calculated using the minimum TCS possible under the respective circumstances.
The actual minimum value for TCS depends on the jitter of the PLL. As the PLL is
constantly adjusting its output frequency so it corresponds to the applied input frequency
(crystal or oscillator), the accumulated jitter is limited, which means that the relative
deviation for periods of more than one TCS is lower than for one single TCS.
This is especially important for bus cycles using waitstates and e.g. for the operation of
timers, serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train
generation or measurement, lower baudrates, etc.) the deviation caused by the PLL jitter
is, therefore, negligible.
The value of the accumulated PLL jitter depends on the number of consecutive VCO
output cycles within the respective timeframe. The VCO output clock is divided by the
output prescaler (K2+1) to generate the system clock signal
f
SYS. Therefore, the number
of VCO cycles can be represented as (K2+1)
× T, where T is the number of consecutive
f
SYS cycles (TCS).
Different frequency bands can be selected for the VCO, so the operation of the PLL can
be adjusted to a wide range of input and output frequencies:
Wakeup Oscillator
When wakeup oscillator operation is configured (SYSCON0.CLKSEL = 00
B), the system
clock is derived from the low-frequency wakeup oscillator:
f
SYS = fWU.
In this mode, a basic functionality can be maintained without requiring an external clock
source and while minimizing the power consumption.
Table 17
VCO Bands for PLL Operation
1)
1) Not subject to production test - verified by design/characterization.
PLLCON0.VCOSEL VCO Frequency Range
Base Frequency Range
00
40 … 120 MHz
10 … 40 MHz
01
90 … 160 MHz
20 … 80 MHz
1X
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com