Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 5Page - Infineon Technologies AG XC2000 Datasheet HTML 6Page - Infineon Technologies AG XC2000 Datasheet HTML 7Page - Infineon Technologies AG XC2000 Datasheet HTML 8Page - Infineon Technologies AG XC2000 Datasheet HTML 9Page - Infineon Technologies AG XC2000 Datasheet HTML 10Page - Infineon Technologies AG XC2000 Datasheet HTML 11Page - Infineon Technologies AG XC2000 Datasheet HTML 12Page - Infineon Technologies AG XC2000 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
General Device Information
Preliminary
Data Sheet
7
V0.91, 2007-02
Draft Version
2
General Device Information
The XC228x derivatives are high-performance members of the Infineon XC2000 Family
of full featured single-chip CMOS microcontrollers. These devices extend the
functionality and performance of the C166 Family in terms of instructions (MAC unit),
peripherals, and speed. They combine high CPU performance (up to 66 million
instructions per second) with high peripheral functionality and enhanced IO-capabilities.
Optimized peripherals can be adapted to the application’s requirements in a flexible way.
These derivatives also provide clock generation via PLL and internal or external clock
sources, and various on-chip memory modules such as program Flash, program RAM,
and data RAM.
Figure 1
Logic Symbol
M C_XC2X_LOGSYM B3
XC228x
Port 0
8 bit
Port 1
8 bit
Port 2
13 bit
Port 3
8 bit
Port 4
8 bit
Port 6
4 bit
Port 7
5 bit
Port 8
7 bit
V
AGND
(1)
V
AREF
(2)
V
DDP
(9)
V
SS
(4)
JTAG
4 bit
TRST
Debug
2 bit
V
DDI
(4)
XTAL1
XTAL2
ESR0
ESR1
ESR2
Port 11
6 bit
Port 10
16 bit
Port 9
8 bit
Port 15
8 bit
Port 5
16 bit
TESTM
PORST
TRef
via Port Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com