Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 70Page - Infineon Technologies AG XC2000 Datasheet HTML 71Page - Infineon Technologies AG XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Electrical Parameters
Preliminary
Data Sheet
72
V0.91, 2007-02
Draft Version
4
Electrical Parameters
The operating range for the XC228x is defined by its electrical parameters. For proper
operation the indicated limitations must be respected when designing a system.
Attention: The parameters and values listed in the following sections of this
Preliminary Data Sheet are preliminary and will be adjusted and
amended after the complete device characterization has been
completed.
4.1
General Parameters
These parameters are valid for all subsequent descriptions, unless otherwise noted.
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
During absolute maximum rating overload conditions (
V
IN > VDDP or VIN < VSS) the
voltage on
V
DDP pins with respect to ground (VSS) must not exceed the values
defined by the absolute maximum ratings.
Table 9
Absolute Maximum Rating Parameters
Parameter
Symbol Values
Unit Note /
Test Condition
Min.
Typ.
Max.
Storage temperature
T
ST
-65
–
150
°C
–
Junction temperature
T
J
-40
–
150
°C
under bias
Voltage on
V
DDI pins with
respect to ground (
V
SS)
V
DDIM,
V
DDI1
-0.5
–
1.65
V
–
Voltage on
V
DDP pins with
respect to ground (
V
SS)
V
DDPA,
V
DDPB
-0.5
–
6.0
V
–
Voltage on any pin with
respect to ground (
V
SS)
V
IN
-0.5
–
V
DDP
+ 0.5
V
V
IN < VDDPmax
Input current on any pin
during overload condition
–-10
–
10
mA
–
Absolute sum of all input
currents during overload
condition
–
–
–
|100|
mA
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com