Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 358 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 358 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 354Page - Lattice Semiconductor ECP2 Datasheet HTML 355Page - Lattice Semiconductor ECP2 Datasheet HTML 356Page - Lattice Semiconductor ECP2 Datasheet HTML 357Page - Lattice Semiconductor ECP2 Datasheet HTML 358Page - Lattice Semiconductor ECP2 Datasheet HTML 359Page - Lattice Semiconductor ECP2 Datasheet HTML 360Page - Lattice Semiconductor ECP2 Datasheet HTML 361Page - Lattice Semiconductor ECP2 Datasheet HTML 362Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 386 page
background image
www.latticesemi.com
5-1
DS1006 Order Info_01.5
August 2007
Data Sheet DS1006
© 2007 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
LatticeECP2 Part Number Description
Ordering Information
Note: LatticeECP2 devices are dual marked. For example, the commercial speed grade LFE2-50E-7F672C is also
marked with industrial grade -6I (LFE2-50E-6F672I). The commercial grade is one speed grade faster than the
associated dual mark industrial grade. The slowest commercial speed grade does not have industrial markings.
The markings appear as follows:
LFE2 – XX XE – X XXXXXX X
Grade
C = Commercial
I = Industrial
Logic Capacity
6 = 6K LUTs
12 = 12K LUTs
20 = 20K LUTs
35 = 35K LUTs
50 = 50K LUTs
70 = 70K LUTs
Supply Voltage
E = 1.2V
Encryption
S = Security Series (Encryption Feature)
Blank = Standard Series (No Encryption)
Speed
5 = Slowest
6
7 = Fastest
Package
T144 = 144-pin TQFP
Q208 = 208-pin PQFP
F256 = 256-ball fpBGA
F484 = 484-ball fpBGA
F672 = 672-ball fpBGA
F900 = 900-ball fpBGA
TN144 = 144-pin Lead-Free TQFP
QN208 = 208-pin Lead-Free PQFP
FN256 = 256-ball Lead-Free fpBGA
FN484 = 484-ball Lead-Free fpBGA
FN672 = 672-ball Lead-Free fpBGA
FN900 = 900-ball Lead-Free fpBGA
Device Family
ECP2 (LatticeECP2 FPGA)
LFE2-50E
7F672C-6I
Datecode
LFE2-50SE
7F672C-6I
Datecode
LatticeECP2/M Family Data Sheet
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com