Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 364 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 364 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 360Page - Lattice Semiconductor ECP2 Datasheet HTML 361Page - Lattice Semiconductor ECP2 Datasheet HTML 362Page - Lattice Semiconductor ECP2 Datasheet HTML 363Page - Lattice Semiconductor ECP2 Datasheet HTML 364Page - Lattice Semiconductor ECP2 Datasheet HTML 365Page - Lattice Semiconductor ECP2 Datasheet HTML 366Page - Lattice Semiconductor ECP2 Datasheet HTML 367Page - Lattice Semiconductor ECP2 Datasheet HTML 368Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 386 page
background image
5-7
Ordering Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-20E-5QN208I
131
1.2V
-5
Lead-Free PQFP
208
IND
20
LFE2-20E-6QN208I
131
1.2V
-6
Lead-Free PQFP
208
IND
20
LFE2-20E-5FN256I
193
1.2V
-5
Lead-Free fpBGA
256
IND
20
LFE2-20E-6FN256I
193
1.2V
-6
Lead-Free fpBGA
256
IND
20
LFE2-20E-5FN484I
331
1.2V
-5
Lead-Free fpBGA
484
IND
20
LFE2-20E-6FN484I
331
1.2V
-6
Lead-Free fpBGA
484
IND
20
LFE2-20E-5FN672I
402
1.2V
-5
Lead-Free fpBGA
672
IND
20
LFE2-20E-6FN672I
402
1.2V
-6
Lead-Free fpBGA
672
IND
20
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-35E-5FN484I
331
1.2V
-5
Lead-Free fpBGA
484
IND
35
LFE2-35E-6FN484I
331
1.2V
-6
Lead-Free fpBGA
484
IND
35
LFE2-35E-5FN672I
450
1.2V
-5
Lead-Free fpBGA
672
IND
35
LFE2-35E-6FN672I
450
1.2V
-6
Lead-Free fpBGA
672
IND
35
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-50E-5FN484I
339
1.2V
-5
Lead-Free fpBGA
484
IND
50
LFE2-50E-6FN484I
339
1.2V
-6
Lead-Free fpBGA
484
IND
50
LFE2-50E-5FN672I
500
1.2V
-5
Lead-Free fpBGA
672
IND
50
LFE2-50E-6FN672I
500
1.2V
-6
Lead-Free fpBGA
672
IND
50
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-70E-5FN672I
500
1.2V
-5
Lead-Free fpBGA
672
IND
70
LFE2-70E-6FN672I
500
1.2V
-6
Lead-Free fpBGA
672
IND
70
LFE2-70E-5FN900I
583
1.2V
-5
Lead-Free fpBGA
900
IND
70
LFE2-70E-6FN900I
583
1.2V
-6
Lead-Free fpBGA
900
IND
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com