Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 366 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 366 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 362Page - Lattice Semiconductor ECP2 Datasheet HTML 363Page - Lattice Semiconductor ECP2 Datasheet HTML 364Page - Lattice Semiconductor ECP2 Datasheet HTML 365Page - Lattice Semiconductor ECP2 Datasheet HTML 366Page - Lattice Semiconductor ECP2 Datasheet HTML 367Page - Lattice Semiconductor ECP2 Datasheet HTML 368Page - Lattice Semiconductor ECP2 Datasheet HTML 369Page - Lattice Semiconductor ECP2 Datasheet HTML 370Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 386 page
background image
5-9
Ordering Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Industrial
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-35SE-5F484C
331
1.2V
-5
fpBGA
484
Com
35
LFE2-35SE-6F484C
331
1.2V
-6
fpBGA
484
Com
35
LFE2-35SE-7F484C
331
1.2V
-7
fpBGA
484
Com
35
LFE2-35SE-5F672C
450
1.2V
-5
fpBGA
672
Com
35
LFE2-35SE-6F672C
450
1.2V
-6
fpBGA
672
Com
35
LFE2-35SE-7F672C
450
1.2V
-7
fpBGA
672
Com
35
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-50SE-5F484C
339
1.2V
-5
fpBGA
484
Com
50
LFE2-50SE-6F484C
339
1.2V
-6
fpBGA
484
Com
50
LFE2-50SE-7F484C
339
1.2V
-7
fpBGA
484
Com
50
LFE2-50SE-5F672C
500
1.2V
-5
fpBGA
672
Com
50
LFE2-50SE-6F672C
500
1.2V
-6
fpBGA
672
Com
50
LFE2-50SE-7F672C
500
1.2V
-7
fpBGA
672
Com
50
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-70SE-5F672C
500
1.2V
-5
fpBGA
672
Com
70
LFE2-70SE-6F672C
500
1.2V
-6
fpBGA
672
Com
70
LFE2-70SE-7F672C
500
1.2V
-7
fpBGA
672
Com
70
LFE2-70SE-5F900C
583
1.2V
-5
fpBGA
900
Com
70
LFE2-70SE-6F900C
583
1.2V
-6
fpBGA
900
Com
70
LFE2-70SE-7F900C
583
1.2V
-7
fpBGA
900
Com
70
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-6SE-5T144I
90
1.2V
-5
TQFP
144
Ind
6
LFE2-6SE-6T144I
90
1.2V
-6
TQFP
144
Ind
6
LFE2-6SE-5F256I
190
1.2V
-5
fpBGA
256
Ind
6
LFE2-6SE-6F256I
190
1.2V
-6
fpBGA
256
Ind
6
Part Number
I/Os
Voltage
Grade
Package
Pins
Temp.
LUTs (K)
LFE2-12SE-5T144I
93
1.2V
-5
TQFP
144
Ind
12
LFE2-12SE-6T144I
93
1.2V
-6
TQFP
144
Ind
12
LFE2-12SE-5Q208I
131
1.2V
-5
PQFP
208
Ind
12
LFE2-12SE-6Q208I
131
1.2V
-6
PQFP
208
Ind
12
LFE2-12SE-5F256I
193
1.2V
-5
fpBGA
256
Ind
12
LFE2-12SE-6F256I
193
1.2V
-6
fpBGA
256
Ind
12
LFE2-12SE-5F484I
297
1.2V
-5
fpBGA
484
Ind
12
LFE2-12SE-6F484I
297
1.2V
-6
fpBGA
484
Ind
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com