Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 31Page - Renesas Technology Corp 32C83 Datasheet HTML 32Page - Renesas Technology Corp 32C83 Datasheet HTML 33Page - Renesas Technology Corp 32C83 Datasheet HTML 34Page - Renesas Technology Corp 32C83 Datasheet HTML 35Page - Renesas Technology Corp 32C83 Datasheet HTML 36Page - Renesas Technology Corp 32C83 Datasheet HTML 37Page - Renesas Technology Corp 32C83 Datasheet HTML 38Page - Renesas Technology Corp 32C83 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
Page 35
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
02C016
XX16
X0 Register Y0 Register
X0R,Y0R
02C116
XX16
02C216
XX16
X1 Register Y1 Register
X1R,Y1R
02C316
XX16
02C416
XX16
X2 Register Y2 Register
X2R,Y2R
02C516
XX16
02C616
XX16
X3 Register Y3 Register
X3R,Y3R
02C716
XX16
02C816
XX16
X4 Register Y4 Register
X4R,Y4R
02C916
XX16
02CA16
XX16
X5 Register Y5 Register
X5R,Y5R
02CB16
XX16
02CC16
XX16
X6 Register Y6 Register
X6R,Y6R
02CD16
XX16
02CE16
XX16
X7 Register Y7 Register
X7R,Y7R
02CF16
XX16
02D016
XX16
X8 Register Y8 Register
X8R,Y8R
02D116
XX16
02D216
XX16
X9 Register Y9 Register
X9R,Y9R
02D316
XX16
02D416
XX16
X10 Register Y10 Register
X10R,Y10R
02D516
XX16
02D616
XX16
X11 Register Y11 Register
X11R,Y11R
02D716
XX16
02D816
XX16
X12 Register Y12 Register
X12R,Y12R
02D916
XX16
02DA16
XX16
X13 Register Y13 Register
X13R,Y13R
02DB16
XX16
02DC16
XX16
X14 Register Y14 Register
X14R,Y14R
02DD16
XX16
02DE16
XX16
X15 Register Y15 Register
X15R,Y15R
02DF16
XX16
02E016
XY Control Register
XYC
XXXX XX002
02E116
02E216
02E316
02E416
UART1 Special Mode Register 4
U1SMR4
0016
02E516
UART1 Special Mode Register 3
U1SMR3
0016
02E616
UART1 Special Mode Register 2
U1SMR2
0016
02E716
UART1 Special Mode Register
U1SMR
0016
02E816
UART1 Transmit/Receive Mode Register
U1MR
0016
02E916
UART1 Baud Rate Register
U1BRG
XX16
02EA16
XX16
UART1 Transmit Buffer Register
U1TB
02EB16
XX16
02EC16
UART1 Transmit/Receive Control Register 0
U1C0
0000 10002
02ED16
UART1 Transmit/Receive Control Register 1
U1C1
0000 00102
02EE16
XX16
UART1 Receive Buffer Register
U1RB
02EF16
XX16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com