Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 5 Page - Renesas Technology Corp

  32C83 Datasheet HTML 1Page - Renesas Technology Corp 32C83 Datasheet HTML 2Page - Renesas Technology Corp 32C83 Datasheet HTML 3Page - Renesas Technology Corp 32C83 Datasheet HTML 4Page - Renesas Technology Corp 32C83 Datasheet HTML 5Page - Renesas Technology Corp 32C83 Datasheet HTML 6Page - Renesas Technology Corp 32C83 Datasheet HTML 7Page - Renesas Technology Corp 32C83 Datasheet HTML 8Page - Renesas Technology Corp 32C83 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
Page 5
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
1.4 Product Information
Table 1.3 lists the product information. Figure 1.2 shows the product numbering system.
Table 1.3 M32C/83 Group (1) (M32C/83)
As of January, 2006
Table 1.3 M32C/83 Group (2) (T Version, M32C/83T)
As of January, 2006
r
e
b
m
u
N
e
p
y
Te
p
y
T
e
g
a
k
c
a
P
M
O
R
y
t
i
c
a
p
a
C
M
A
R
y
t
i
c
a
p
a
C
s
k
r
a
m
e
R
P
G
J
F
5
3
8
0
3
M)
A
-
Q
6
P
4
4
1
(
A
-
A
K
4
4
1
0
P
Q
L
P
K
2
1
5K
1
3y
r
o
m
e
M
h
s
a
l
F
P
G
J
F
3
3
8
0
3
M)
A
-
Q
6
P
0
0
1
(
A
-
B
K
0
0
1
0
P
Q
L
P
P
F
J
F
3
3
8
0
3
M)
A
-
S
6
P
0
0
1
(
A
-
B
J
0
0
1
0
P
Q
R
P
r
e
b
m
u
N
e
p
y
Te
p
y
T
e
g
a
k
c
a
P
M
O
R
y
t
i
c
a
p
a
C
M
A
R
y
t
i
c
a
p
a
C
s
k
r
a
m
e
R
J
F
3
3
8
0
3
MT P
G)
A
-
Q
6
P
0
0
1
(
A
-
B
K
0
0
1
0
P
Q
L
PK
2
1
5K
1
3
y
r
o
m
e
M
h
s
a
l
F
n
o
i
s
r
e
V
T
y
t
il
i
b
a
il
e
r
-
h
g
i
H
(
5
8 o
)
n
o
i
s
r
e
V
C
Package Type:
FP = Package PRQP0100JB-A (100P6S-A)
GP = Package PLQP0100KB-A (100P6Q-A)
Package PLQP0144KA-A (144P6Q-A)
ROM Capacity:
J = 512 Kbytes
Memory Type:
F = Flash Memory Version
M30 83 3 F J
GP
M32C/83 Group
M16C Family
RAM Capacity, Pin Count, etc.
(Value itself has no specific meaning)
Classification:
Blank = General Industrial Use
T = T Version
Please contact our sales office for V version information.
Figure 1.2 Product Numbering System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com