Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 25Page - Renesas Technology Corp 32C83 Datasheet HTML 26Page - Renesas Technology Corp 32C83 Datasheet HTML 27Page - Renesas Technology Corp 32C83 Datasheet HTML 28Page - Renesas Technology Corp 32C83 Datasheet HTML 29Page - Renesas Technology Corp 32C83 Datasheet HTML 30Page - Renesas Technology Corp 32C83 Datasheet HTML 31Page - Renesas Technology Corp 32C83 Datasheet HTML 32Page - Renesas Technology Corp 32C83 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
Page 29
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
015016
Group 2 Waveform Generating Control Register 0
G2POCR0
0016
015116
Group 2 Waveform Generating Control Register 1
G2POCR1
0016
015216
Group 2 Waveform Generating Control Register 2
G2POCR2
0016
015316
Group 2 Waveform Generating Control Register 3
G2POCR3
0016
015416
Group 2 Waveform Generating Control Register 4
G2POCR4
0016
015516
Group 2 Waveform Generating Control Register 5
G2POCR5
0016
015616
Group 2 Waveform Generating Control Register 6
G2POCR6
0016
015716
Group 2 Waveform Generating Control Register 7
G2POCR7
0016
015816
015916
015A16
015B16
015C16
015D16
015E16
015F16
016016
XX16
Group 2 Base Timer Register
G2BT
016116
XX16
016216
Group 2 Base Timer Control Register 0
G2BCR0
0016
016316
Group 2 Base Timer Control Register 1
G2BCR1
0016
016416
Base Timer Start Register
BTSR
XXXX 00002
016516
016616
Group 2 Function Enable Register
G2FE
0016
016716
Group 2 RTP Output Buffer Register
G2RTP
0016
016816
016916
016A16
Group 2 SI/O Communication Mode Register
G2MR
00XX X0002
016B16
Group 2 SI/O Communication Control Register
G2CR
0000 X0002
016C16
XX16
Group 2 SI/O Transmit Buffer Register
G2TB
016D16
XX16
016E16
XX16
Group 2 SI/O Receive Buffer Register
G2RB
016F16
XX16
017016
XX16
Group 2 IEBus Address Register
IEAR
017116
XX16
017216
Group 2 IEBus Control Register
IECR
00XX X0002
017316
Group 2 IEBus Transmit Interrupt Cause Detect Register
IETIF
XXX0 00002
017416
Group 2 IEBus Receive Interrupt Cause Detect Register
IERIF
XXX0 00002
017516
017616
017716
017816
Input Function Select Register
IPS
0016
017916
017A16
Group 3 SI/O Communication Mode Register
G3MR
00XX 00002
017B16
Group 3 SI/O Communication Control Register
G3CR
0000 X0002
017C16
XX16
Group 3 SI/O Transmit Buffer Register
G3TB
017D16
XX16
017E16
XX16
Group 3 SI/O Receive Buffer Register
G3RB
017F16
XX16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com