Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 86Page - Renesas Technology Corp 32C83 Datasheet HTML 87Page - Renesas Technology Corp 32C83 Datasheet HTML 88Page - Renesas Technology Corp 32C83 Datasheet HTML 89Page - Renesas Technology Corp 32C83 Datasheet HTML 90Page - Renesas Technology Corp 32C83 Datasheet HTML 91Page - Renesas Technology Corp 32C83 Datasheet HTML 92Page - Renesas Technology Corp 32C83 Datasheet HTML 93Page - Renesas Technology Corp 32C83 Datasheet HTML 94Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
REVISION HISTORY
M32C/83 GROUP (M32C/83, M32C/83T) Datasheet
Rev.
Date
Description
Page
Summary
1.10
2003-9
1.20
2003-12
1.30
2004-06
1.41
2006-01
-
New Document
Maximum operating frequency changed from 30 MHz to 32 MHz.
Overview, Electrical Characteristics
Table 1.1 M32C/83 Group Performance (144-Pin Package)
Table 1.2 M32C/83 Group Performance (100-Pin Package)
Table 5.2 Recommended Operating Conditions
Table 5.3 Electrical Characteristics
All pages Words standardized: On-chip oscillator, A/D converter and D/A converter
All Pages
M32C/83T version added; Package code changed: 144P6Q-A to PLQP0144KA-
A, 100P6Q-A to PLQP0100KB-A, 100P6S-A to PRQP0100JB-A
All Pages Word standardized: Clock Generation Circuit , On-chip Oscillator, A/D Converter,
D/A Converter, XY Conversion, Low -power consumption
Overview
1
• 1.1 Applications Automobile added
2, 3
• Tables 1.1 and 1.2 M32C/83 Group (M32C/83, M32C/83T) Performance
5
• Table 1.3 M32C/83 Group (1) (M32C/83) Information updated
• Table 1.3 M32C/83 Group (2) (M32C/83T) M32C/83T product information
added
• Figure 1.2 Product Numbering System Classification modified
• Table 1.4 Pin Characteristics for 144-Pin Package Note 1 added
• Table 1.5 Pin Characteristics for 100-Pin Package Note 1 added
• Table 1.6 Pin Description modified, notes added
Memory
21
• Figure 3.1 Memory Map modified; Note 2 modified, notes 3 and 4 added
Special Function Registers (SFR)
22 to 23
• Note 2 added
Reset
45
• Figure 5.2 Reset Sequence Note 2 added
Electrical Characteristics
46
• Table 5.3 Electrical Characteristics Minimum standard values for VOH
revised, values for ICC when f(XIN)=32 MHz, square wave, no division revised,
one condition of “f(XIN)=32 MHz, square wave, no division” deleted
54
• Table 5.23 Memory Expansion Mode and Microprocessor Mode Symbols
for Row Address Output Delay Time and for Row Address Output Hold Time
(BCLK standard) modified
62
_______
• Figure 5.8 VCC=5 V Timing Diagram (7) Timing for NMI input added
64
• Table 5.24 Electrical Characteristics Minimum standard value for VOH
revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com