Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 4Page - Renesas Technology Corp 32C83 Datasheet HTML 5Page - Renesas Technology Corp 32C83 Datasheet HTML 6Page - Renesas Technology Corp 32C83 Datasheet HTML 7Page - Renesas Technology Corp 32C83 Datasheet HTML 8Page - Renesas Technology Corp 32C83 Datasheet HTML 9Page - Renesas Technology Corp 32C83 Datasheet HTML 10Page - Renesas Technology Corp 32C83 Datasheet HTML 11Page - Renesas Technology Corp 32C83 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
Page 8
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
VSS
VCC
VCC
VSS
VCC
VSS
P136
P135
P134
P57
P56
P55
P54
P133
P132
P131
P130
P53
P52
P51
P50
P127
P126
P125
P47
P46
P45
P44
P43
P42
P41
P40
P37
P36
P35
P34
P33
P32
P31
P124
P123
P122
P121
P120
P30
P27
P26
P25
Timer Pin
UART/CAN Pin
OUTC21/ISCLK2
OUTC22/ISRxD2/IEIN
OUTC20/ISTxD2/IEOUT
OUTC23
OUTC26
OUTC25
OUTC24
OUTC37
OUTC36
OUTC35
OUTC34
OUTC33
OUTC32/ISRxD3
OUTC31/ISCLK3
OUTC30/ISTxD3
AN27
AN26
AN25
RDY
ALE/RAS
HOLD
HLDA/ALE
CLKOUT/BCLK/ALE
RD/DW
WRH/BHE/CASH
WRL/WR/CASL
CS0/A23
CS1/A22
CS2/A21
CS3/A20(MA12)
A19(MA11)
A18(MA10)
A17(MA9)
A16(MA8)
A15(MA7)(/D15)
A14(MA6)(/D14)
A13(MA5)(/D13)
A12(MA4)(/D12)
A11(MA3)(/D11)
A10(MA2)(/D10)
A9(MA1)(/D9)
A8(MA0)(/D8)
A7(/D7)
A6(/D6)
A5(/D5)
Intelligent I/O Pin
Bus Control Pin(1)
Analog
Pin
Interrupt
Pin
Pin
No
Control
Pin
Port
NOTES:
1. Bus control pins in M32C/83T cannot be used.
Table 1.4 Pin Characteristics for 144-Pin Package (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com