Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 63Page - Renesas Technology Corp 32C83 Datasheet HTML 64Page - Renesas Technology Corp 32C83 Datasheet HTML 65Page - Renesas Technology Corp 32C83 Datasheet HTML 66Page - Renesas Technology Corp 32C83 Datasheet HTML 67Page - Renesas Technology Corp 32C83 Datasheet HTML 68Page - Renesas Technology Corp 32C83 Datasheet HTML 69Page - Renesas Technology Corp 32C83 Datasheet HTML 70Page - Renesas Technology Corp 32C83 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
Page 67
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
VCC=3.3V
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Timing Requirements
(VCC = 3.0 to 3.6V, VSS = 0V at Topr = –20 to 85oC unless otherwise specified)
Table 5.30 Timer A Input (Count Source Input in Event Counter Mode)
Table 5.31 Timer A Input (Gate Input in Timer Mode)
Table 5.32 Timer A Input (External Trigger Input in One-Shot Timer Mode)
Table 5.33 Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
Table 5.34 Timer A Input (Counter Increment/decrement Input in Event Counter Mode)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
A
T
(
i
A
T
N
I
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
1s
n
w
t
)
H
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
4s
n
w
t
)
L
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
4s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
A
T
(
i
A
T
N
I
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
4s
n
w
t
)
H
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
0
2s
n
w
t
)
L
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
0
2s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
A
T
(
i
A
T
N
I
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
2s
n
w
t
)
H
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
0
1s
n
w
t
)
L
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
0
1s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
w
t
)
H
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
0
1s
n
w
t
)
L
A
T
(
i
A
T
N
I
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
0
1s
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
t
)
P
U
(
i
A
T
T
U
O
e
m
i
T
e
l
c
y
C
t
u
p
n
I
0
0
0
2s
n
w
t
)
H
P
U
(
i
A
T
T
U
O
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
0
0
0
1s
n
w
t
)
L
P
U
(
i
A
T
T
U
O
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
0
0
0
1s
n
u
s
t
)
N
I
T
-
P
U
(
i
A
T
T
U
O
e
m
i
T
p
u
t
e
S
t
u
p
n
I
0
0
4s
n
h
t
)
P
U
-
N
I
T
(
i
A
T
T
U
O
e
m
i
T
d
l
o
H
t
u
p
n
I
0
0
4s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com