Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 78Page - Renesas Technology Corp 32C83 Datasheet HTML 79Page - Renesas Technology Corp 32C83 Datasheet HTML 80Page - Renesas Technology Corp 32C83 Datasheet HTML 81Page - Renesas Technology Corp 32C83 Datasheet HTML 82Page - Renesas Technology Corp 32C83 Datasheet HTML 83Page - Renesas Technology Corp 32C83 Datasheet HTML 84Page - Renesas Technology Corp 32C83 Datasheet HTML 85Page - Renesas Technology Corp 32C83 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
Page 82
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
Table 5.46 Recommended Operating Conditions
(VCC=4.2 to 5.5V, VSS=0V at Topr = -40 to 85oC (T version) unless otherwise specified)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
2
.
40
.
55
.
5V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
V C
C
V
V S
S
e
g
a
t
l
o
V
y
l
p
p
u
S
0V
V
A
S
S
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
0V
V H
I
)
"
H
"
(
h
g
i
H
t
u
p
n
I
e
g
a
t
l
o
V
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
5
P
,
0
5
P
-
7
6
P
,
0
-
6
P 7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
7
)
3
(
9
P
,
0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
,
2
1
P
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
4
(
X
,
N
I
,
V
N
C
,
T
E
S
E
R
S
S
E
T
Y
B
,
V
8
.
0
C
C
V C
C
V
7
P 0
7
P
,
1
V
8
.
0
C
C
0
.
6
V L
I
)
"
L
"
(
w
o
L
t
u
p
n
I
e
g
a
t
l
o
V
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
5
P
,
0
5
P
-
7
6
P
,
0
-
6
P 7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
7
)
3
(
9
P
,
0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
,
2
1
P
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
4
(
X
,
N
I
,
V
N
C
,
T
E
S
E
R
S
S
E
T
Y
B
,
0V
2
.
0
C
C
V
I
)
k
a
e
p
(
H
O
t
u
p
t
u
O
k
a
e
P
)
"
H
"
(
h
g
i
H
t
n
e
r
r
u
C
)
2
(
0
P 0 0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
5
P
,
0
5
P
-
7
6
P
,
0
-
6
P 7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
9
P
,
0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
-
1
1
P
4
2
1
P
,
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
4
(
0
.
0
1
-A
m
I
)
g
v
a
(
H
O
t
u
p
t
u
O
e
g
a
r
e
v
A
)
"
H
"
(
h
g
i
H
t
n
e
r
r
u
C
)
1
(
0
P 0 0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
5
P
,
0
5
P
-
7
6
P
,
0
-
6
P 7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
9
P
,
0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
-
1
1
P
4
2
1
P
,
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
4
(
0
.
5
-A
m
I
)
k
a
e
p
(
L
O
w
o
L
t
u
p
t
u
O
k
a
e
P
t
n
e
r
r
u
C
)
"
L
"
(
)
2
(
0
P 0 0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
5
P
,
0
5
P
-
7
6
P
,
0
-
6
P 7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
9
P
,
0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
-
1
1
P
4
2
1
P
,
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
4
(
0
.
0
1A
m
I
)
g
v
a
(
L
O
t
u
p
t
u
O
e
g
a
r
e
v
A
)
"
L
"
(
w
o
L
t
n
e
r
r
u
C
)
1
(
0
P 0 0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
4
P
-
7
5
P
,
0
5
P
-
7
6
P
,
0
-
6
P 7
7
P
,
0
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
9
P
,
0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
-
1
1
P
4
2
1
P
,
0
2
1
P
-
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
)
4
(
0
.
5A
m
X
(
f
N
I
)t
u
p
n
I
k
c
o
l
C
n
i
a
M
y
c
n
e
u
q
e
r
F
V C
C
V
5
.
5
o
t
2
.
4
=0
2
3z
H
M
X
(
f
N
I
C
)y
c
n
e
u
q
e
r
F
n
o
i
t
a
ll
i
c
s
O
k
c
o
l
C
b
u
S
8
6
7
.
2
30
5z
H
k
:
S
E
T
O
N
.
s
m
0
0
1
s
i
t
n
e
r
r
u
c
t
u
p
t
u
o
e
g
a
r
e
v
a
n
e
h
w
s
e
u
l
a
v
l
a
c
i
p
y
T
.
1
I
l
a
t
o
T
.
2
)
k
a
e
p
(
L
O
8
P
,
2
P
,
1
P
,
0
P
r
o
f
6
8
P
,
7
.
s
s
e
l
r
o
A
m
0
8
e
b
t
s
u
m
5
1
P
d
n
a
4
1
P
,
1
1
P
,
0
1
P
,
9
P
,
I
l
a
t
o
T
)
k
a
e
p
(
H
O
8
P
,
2
P
,
1
P
,
0
P
r
o
f
6
8
P
,
7
.
s
s
e
l
r
o
A
m
0
8
-
e
b
t
s
u
m
5
1
P
d
n
a
4
1
P
,
1
1
P
,
0
1
P
,
9
P
,
I
l
a
t
o
T
)
k
a
e
p
(
L
O
8
P
,
7
P
,
6
P
,
5
P
,
4
P
,
3
P
r
o
f
0
8
P
o
t
4
.
s
s
e
l
r
o
A
m
0
8
e
b
t
s
u
m
3
1
P
d
n
a
2
1
P
,
I
l
a
t
o
T
)
k
a
e
p
(
H
O
7
P
,
6
P
,
5
P
,
4
P
,
3
P
r
o
f
2
7
P
o
t
7
8
P
,
0
8
P
o
t
4
.
s
s
e
l
r
o
A
m
0
8
-
e
b
t
s
u
m
3
1
P
d
n
a
2
1
P
,
.
3V H
I
V
d
n
a
L
I
8
P
r
o
f
e
c
n
e
r
e
f
e
r
7
8
P
n
e
h
w
s
e
il
p
p
a
7
.
t
r
o
p
t
u
p
n
i
e
l
b
a
m
m
a
r
g
o
r
p
a
s
a
d
e
s
u
s
i
8
P
n
e
h
w
y
l
p
p
a
t
o
n
s
e
o
d
t
I
7
X
s
a
d
e
s
u
s
i
N
I
C
.
.
y
l
n
o
e
g
a
k
c
a
p
n
i
p
-
4
4
1
e
h
t
n
i
d
e
d
i
v
o
r
p
e
r
a
5
1
P
o
t
1
1
P
.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com