Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 6Page - Renesas Technology Corp 32C83 Datasheet HTML 7Page - Renesas Technology Corp 32C83 Datasheet HTML 8Page - Renesas Technology Corp 32C83 Datasheet HTML 9Page - Renesas Technology Corp 32C83 Datasheet HTML 10Page - Renesas Technology Corp 32C83 Datasheet HTML 11Page - Renesas Technology Corp 32C83 Datasheet HTML 12Page - Renesas Technology Corp 32C83 Datasheet HTML 13Page - Renesas Technology Corp 32C83 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Page 10
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
P44 / CS3 / A20 (MA12)
P45 / CS2 / A21
P46 / CS1 / A22
P47 / CS0 / A23
P50 / WRL / WR / CASL
P51 / WRH / BHE / CASH
P52 / RD / DW
P53 / CLKOUT / BCLK / ALE
P54 / HLDA / ALE
P55 / HOLD
P56 / ALE / RAS
P57 / RDY
P60 / CTS0 / RTS0 / SS0
P61 / CLK0
P62 / RxD0 / SCL0 / STxD0
P63 / TxD0 / SDA0 / SRxD0
P64(1)
P65 / CLK1
P66 / RxD1 / SCL1 / STxD1
P67 / TxD1 / SDA1 / SRxD1
D7 / AN07 / P07
D6 / AN06 / P06
D5 / AN05 / P05
D4 / AN04 / P04
D3 / AN03 / P03
D2 / AN02 / P02
D1 / AN01 / P01
D0 / AN00 / P00
KI3 / AN7 / P107
KI2 / AN6 / P106
KI1 / AN5 / P105
KI0 / AN4 / P104
AN3 / P103
AN2 / P102
AN1 / P101
AVss
AN0 / P100
VREF
AVcc
(2)P97
M32C/83 GROUP
(M32C/83, M32C/83T)
PRQP0100JB-A
(100P6S-A)
NOTES:
1. P64 / CTS1 / RTS1 / SS1 / OUTC21 / ISCLK2
2. P97 / ADTRG / RxD4 / STxD4 / SCL4
3. P70 and P71 are ports for the N-channel open drain output.
Figure 1.4 Pin Assignment for 100-Pin Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com