Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 39Page - Renesas Technology Corp 32C83 Datasheet HTML 40Page - Renesas Technology Corp 32C83 Datasheet HTML 41Page - Renesas Technology Corp 32C83 Datasheet HTML 42Page - Renesas Technology Corp 32C83 Datasheet HTML 43Page - Renesas Technology Corp 32C83 Datasheet HTML 44Page - Renesas Technology Corp 32C83 Datasheet HTML 45Page - Renesas Technology Corp 32C83 Datasheet HTML 46Page - Renesas Technology Corp 32C83 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
Page 43
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
123456789012345678901234567890121234567890123456789012345678901212345678901234567
123456789012345678901234567890121234567890123456789012345678901212345678901234567
123456789012345678901234567890121234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
12345678901234567890123456789012123456789012345678901234
12345678901234567890123456789012123456789012345678901234
12345678901234567890123456789012123456789012345678901234
12345678901234567890123456789012123456789012345678901234
<100-pin package>
Address
Register
Symbol
Value after RESET
03D016
03D116
03D216
03D316
03D416
03D516
03D616
03D716
03D816
03D916
03DA16
Pull-up Control Register 2
PUR2
0016
03DB16
Pull-up Control Register 3
PUR3
0016
03DC16
03DD16
03DE16
03DF16
03E016
Port P0 Register
P0
XX16
03E116
Port P1 Register
P1
XX16
03E216
Port P0 Direction Register
PD0
0016
03E316
Port P1 Direction Register
PD1
0016
03E416
Port P2 Register
P2
XX16
03E516
Port P3 Register
P3
XX16
03E616
Port P2 Direction Register
PD2
0016
03E716
Port P3 Direction Register
PD3
0016
03E816
Port P4 Register
P4
XX16
03E916
Port P5 Register
P5
XX16
03EA16
Port P4 Direction Register
PD4
0016
03EB16
Port P5 Direction Register
PD5
0016
03EC16
03ED16
03EE16
03EF16
03F016
Pull-Up Control Register 0
PUR0
0016
03F116
Pull-Up Control Register 1
PUR1
XXXX 00002
03F216
03F316
03F416
03F516
03F616
03F716
03F816
03F916
03FA16
03FB16
03FC16
03FD16
03FE16
03FF16
Port Control Register
PCR
XXXX XXX02
X: Indeterminate
123456
123456
123456
1234
1234
12345
12345
Blank spaces are reserved. No access is allowed.
NOTES:
1.
Set address spaces 03D216 and 03D316 to "FF16" in the 100-pin package.
2.
Set address spaces 03DC16 to "0016" in the 100-pin package.
3.
Address spaces 03D016 and 03D116 are not provided in the 100-pin package.
(Note 3)
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com