Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 81Page - Renesas Technology Corp 32C83 Datasheet HTML 82Page - Renesas Technology Corp 32C83 Datasheet HTML 83Page - Renesas Technology Corp 32C83 Datasheet HTML 84Page - Renesas Technology Corp 32C83 Datasheet HTML 85Page - Renesas Technology Corp 32C83 Datasheet HTML 86Page - Renesas Technology Corp 32C83 Datasheet HTML 87Page - Renesas Technology Corp 32C83 Datasheet HTML 88Page - Renesas Technology Corp 32C83 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
Page 85
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
VCC=5V
Timing Requirements (VCC = 4.2 to 5.5V, VSS = 0V at Topr = –40 to 85oC (T version) unless
otherwise specified)
Table 5.51 External Clock Input
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
c
te
m
i
T
e
l
c
y
C
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
3
3s
n
w
t
)
H
(
h
t
d
i
W
e
s
l
u
P
)
"
H
"
(
h
g
i
H
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
3
1s
n
w
t
)
L
(
h
t
d
i
W
e
s
l
u
P
)
"
L
"
(
w
o
L
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
3
1s
n
r
te
m
i
T
e
s
i
R
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n
f
te
m
i
T
ll
a
F
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com