Electronic Components Datasheet Search
  English  ▼

X  

32C83 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 21Page - Renesas Technology Corp 32C83 Datasheet HTML 22Page - Renesas Technology Corp 32C83 Datasheet HTML 23Page - Renesas Technology Corp 32C83 Datasheet HTML 24Page - Renesas Technology Corp 32C83 Datasheet HTML 25Page - Renesas Technology Corp 32C83 Datasheet HTML 26Page - Renesas Technology Corp 32C83 Datasheet HTML 27Page - Renesas Technology Corp 32C83 Datasheet HTML 28Page - Renesas Technology Corp 32C83 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
Page 25
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
009016
UART0 Transmit /NACK Interrupt Control Register
S0TIC
XXXX X0002
009116
UART1/UART4 Bus Conflict Detect Interrupt Control Register
BCN1IC/BCN4IC
XXXX X0002
009216
UART1 Transmit/NACK Interrupt Control Register
S1TIC
XXXX X0002
009316
Key Input Interrupt Control Register
KUPIC
XXXX X0002
009416
Timer B0 Interrupt Control Register
TB0IC
XXXX X0002
009516
Intelligent I/O Interrupt Control Register 1
IIO1IC
XXXX X0002
009616
Timer B2 Interrupt Control Register
TB2IC
XXXX X0002
009716
Intelligent I/O Interrupt Control Register 3
IIO3IC
XXXX X0002
009816
Timer B4 Interrupt Control Register
TB4IC
XXXX X0002
009916
Intelligent I/O Interrupt Control Register 5
IIO5IC
XXXX X0002
009A16
INT4 Interrupt Control Register
INT4IC
XX00 X0002
009B16
Intelligent I/O Interrupt Control Register 7
IIO7IC
XXXX X0002
009C16
INT2 Interrupt Control Register
INT2IC
XX00 X0002
Intelligent I/O Interrupt Control Register 9/
IIO9IC
009D16
XXXX X0002
CAN Interrupt 0 Control Register
CAN0IC
009E16
INT0 Interrupt Control Register
INT0IC
XX00 X0002
009F16
Exit Priority Control Register
RLVL
XXXX 00002
00A016
Interrupt Request Register 0
IIO0IR
0000 000X2
00A116
Interrupt Request Register 1
IIO1IR
0000 000X2
00A216
Interrupt Request Register 2
IIO2IR
0000 000X2
00A316
Interrupt Request Register 3
IIO3IR
0000 000X2
00A416
Interrupt Request Register 4
IIO4IR
0000 000X2
00A516
Interrupt Request Register 5
IIO5IR
0000 000X2
00A616
Interrupt Request Register 6
IIO6IR
0000 000X2
00A716
Interrupt Request Register 7
IIO7IR
0000 000X2
00A816
Interrupt Request Register 8
IIO8IR
0000 000X2
00A916
Interrupt Request Register 9
IIO9IR
0000 000X2
00AA16
Interrupt Request Register 10
IIO10IR
0000 000X2
00AB16
Interrupt Request Register 11
IIO11IR
0000 000X2
00AC16
00AD16
00AE16
00AF16
00B016
Interrupt Enable Register 0
IIO0IE
0016
00B116
Interrupt Enable Register 1
IIO1IE
0016
00B216
Interrupt Enable Register 2
IIO2IE
0016
00B316
Interrupt Enable Register 3
IIO3IE
0016
00B416
Interrupt Enable Register 4
IIO4IE
0016
00B516
Interrupt Enable Register 5
IIO5IE
0016
00B616
Interrupt Enable Register 6
IIO6IE
0016
00B716
Interrupt Enable Register 7
IIO7IE
0016
00B816
Interrupt Enable Register 8
IIO8IE
0016
00B916
Interrupt Enable Register 9
IIO9IE
0016
00BA16
Interrupt Enable Register 10
IIO10IE
0016
00BB16
Interrupt Enable Register 11
IIO11IE
0016
00BC16
00BD16
00BE16
00BF16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com