Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 33Page - Renesas Technology Corp 7477 Datasheet HTML 34Page - Renesas Technology Corp 7477 Datasheet HTML 35Page - Renesas Technology Corp 7477 Datasheet HTML 36Page - Renesas Technology Corp 7477 Datasheet HTML 37Page - Renesas Technology Corp 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
36
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Power source
Analog power
source
Reset input
Reset input
Clock input
Clock output
Reference
voltage input
Select mode
I/O port P0
Data I/O D0–D7
I/O port P1
Address input
A4–A10
Input port P2
Address input
A0–A3
Input port P3
Address input
A11, A12 Select
mode VPP input
I/O port P4
Address input
A13, A14
Input port P5
VCC,VSS
AVSS
(Note 1)
RESET
XIN
XOUT
VREF
P00 – P07
P10 – P17
P20 – P27
(Note 2)
P30 – P33
P40 – P43
(Note 3)
P50 – P53
(Note 4)
Single-chip
/EPROM
Single-chip
/EPROM
Single-chip
EPROM
Single-chip
/EPROM
Single-chip
/EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Input
Input
Input
Output
Input
Input
I/O
I/O
I/O
Input
Input
Input
Input
Input
I/O
Input
Input
BUILT-IN PROM TYPE MICROCOMPUTERS
PIN DESCRIPTION
Pin
Functions
Mode
Name
Input/
output
Apply voltage of 2.7 to 5.5 V to VCC and 0 V to VSS.
Ground level input pin for A-D conver ter. Same voltage as VSS is applied.
To enter the reset state, the reset input pin must be kept at a “L” for 2
µs or more
(under normal VCC conditions).
Connect to VSS.
These are I/O pins of internal clock generating circuit for main clock. To control
generating frequency, an external ceramic or a quartz crystal oscillator is con-
nected between the XIN and XOUT pins. If an external clock is used, the clock
source should be connected the XIN pin and the XOUT pin should be left open.
Feedback resistor is connected between XIN and XOUT.
Reference voltage input pin for the A-D converter.
VREF works as CE input.
Port P0 is an 8-bit I/O port. The output structure is CMOS output. When this port
is selected for input, pull-up transistor can be connected in units of 1-bit and a
key on wake up function is provided.
Por t P0 works as an 8-bit data bus (D0 to D7).
Port P1 is an 8-bit I/O port. The output structure is CMOS output. When this port
is selected for input, pull-up transistor can be connected in units of 4-bit. P12 and
P13 are in common with timer output pins T0, T1. P14, P15, P16 and P17 are in
common with serial I/O pins RxD, TxD, SCLK, SRDY, respectively.
P11 to P17 works as the 7-bit address input (A4 to A10). P10 must be opened.
Port P2 is an 8-bit input port. This port is in common with analog input pins IN0 to IN7.
P20 to P23 works as the lower 4-bit address input (A0 to A3).
P24 to P27 must be opened.
Port P3 is a 4-bit input port. P30 and P31 are in common with external interrupt in-
put pins INT0, INT1 and P32, P33 are in common with timer input pins CNTR0, CNTR1.
P30, P31 works as the 2-bit address input (A11, A12).
P32 works as OE input. Connect to P33 to VPP when programming or verifying.
Por t P4 is a 4-bit I/O port. The output structure is CMOS output. When this port is
selected for input, pull-up transistor can be connected in units of 4-bit.
P40 and P41 works as the higher 2-bit address input (A13, A14).
P42 and P43 must be opened.
Port P5 is a 4-bit input port and pull-up transistor can be connected in units of 4-
bit. P50, P51 are in common with input/output pins of clock for clock function XCIN,
XCOUT. When P50, P51 are used as XCIN, XCOUT, connect a ceramic or a quartz
cr ystal oscillator between XCIN and XCOUT. If an external clock input is used, con-
nect the clock input to the XCIN pin and open the XCOUT pin. Feedback resistor is
connected between XCIN and XCOUT pins.
Open.
Notes 1 : AVSS for M37478M4/M8/E8-XXXFP and M37478M2/M4/E8TXXXFP.
2 : Only P20–P23 (IN0–IN3) 4-bit for the 7477 group.
3 : Only P40 and P41 2-bit for the 7477group.
4 : This port is not included in the 7477 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com