Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp 7477 Datasheet HTML 25Page - Renesas Technology Corp 7477 Datasheet HTML 26Page - Renesas Technology Corp 7477 Datasheet HTML 27Page - Renesas Technology Corp 7477 Datasheet HTML 28Page - Renesas Technology Corp 7477 Datasheet HTML 29Page - Renesas Technology Corp 7477 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
25
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 18 Timing diagram at reset
Fig. 16 Example of reset circuit
Fig. 17 Internal state of microcomputer at reset
(1) Port P0 direction register
(C116) …
(2) Port P1 direction register
(C316) …
(3) Port P4 direction register
(C916) …
(4) P0 pull-up control register
(D016) …
(5) P1–P5 pull-up control register (Note 1) (D116) …
(6) Edge selection register (EG)
(D416) …
(7) A-D control register
(D916) …
(8) Serial I/O status register
(E116) …
(9) Serial I/O control register
(E216) …
(10) UART control register
(E316) …
(11) Timer 12 mode register (T12M)
(F816) …
(12) Timer 34 mode register (T34M)
(F916) …
(13) Timer mode register 2 (TM2)
(FA16) …
(14) CPU mode register (CM)
(FB16) …
(15) Interrupt request register 1
(FC16) …
(16) Interrupt request register 2
(FD16) …
(17) Interrupt control register 1
(FE16) …
(18) Interrupt control register 2
(FF16) …
(19) Program counter
(PCH) …
(PCL) …
(20) Processor status register
(PS) …
0016
0016
00 0 0
00
0 0
00 0 0 0 0
01 0 0 0
0 0 00 00 0
00 0 0
00
0 0
00 0 0
00 0
00
0 00 0
00 0
00
0 00 0
00 0
1
0016
0016
0016
0016
Contents of address FFFF16
Contents of address FFFE16
Notes 1 : This address is allocated P1–P4 pull-up control register for the
7477 group. Bit 6 is not used.
2 : Since the contents of both registers other than those listed
above (including timers and the transmit/receive buffer register)
are undefined at reset, it is necessary to set initial values.
Address
RESET CIRCUIT
The 7477/7478 group is reset according to the sequence shown in
Figure 18. It starts the program from the address formed by using
the content of address FFFF16 as the high order address and the
content of the address FFFE16 as the low order address, when the
RESET pin is held at “L” level for no less than 2
µs while the power
voltage is in the recommended operating condition and then re-
turned to “H” level.
The internal initializations following reset are shown in Figure 17.
Example of reset circuit is Figure 16. Immediately after reset, timer
3 and timer 4 are connected, and counts the f(XIN) divided by 16.
At this time, FF16 is set to timer 3, and 0716 is set to timer 4. The
reset is cleared when timer 4 overflows.
RESET
VCC
7477/7478 group
00, S
00, S-1
00, S-2
FFFE16
FFFF16
ADH,L
PCH
PCL
PS
ADL
ADH
XIN
φ
RESET
Internal
Address
Data
SYNC
32768 counts of f(XIN)
Reset address from
the vector table
Notes 1 : Frequency relation of X IN and
φ is f(XIN)=2·φ.
2 : The mark “?” means that the address is changeable depending
upon the previous state.
RESET
?
?
?
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com