Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 18Page - Renesas Technology Corp 7477 Datasheet HTML 19Page - Renesas Technology Corp 7477 Datasheet HTML 20Page - Renesas Technology Corp 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp 7477 Datasheet HTML 25Page - Renesas Technology Corp 7477 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
21
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 12 Structure of serial I/O control registers
b7
b0
Transmit buffer empty flag (TBE)
0 : Buffer full
1 : Buffer empty
Receive buffer full flag (RBF)
0 : Buffer empty
1 : Buffer full
Transmit shift completion flag (TSC)
0 : Transmit shift in progress
1 : Transmit shift completed
Overrun error flag (OE)
0 : No error
1 : Overrun error
Parity error flag (PE)
0 : No error
1 : Parity error
Framing error flag (FE)
0 : No error
1 : Framing error
Summing error flag (SE)
0 : (OE)U(PE)U(FE)=0
1 : (OE)U(PE)U(FE)=1
Not used (returns “1” when read)
Serial I/O status register
(SIOSTS: address 00E116)
Serial I/O synchronous clock selection bit (SCS)
0 : BRG output divided by 4 (when clock synchronous
serial I/O is selected)
BRG output divided by 16 (when UART is selected)
1 : External clock input (when clock synchronous
serial I/O is selected )
External clock input divided by16 (when UART is selected)
b7
b0
Serial I/O control register
(SIOCON: address 00E216)
BRG count source selection bit (CSS)
0 : f(XIN)divided by 4
1 : f(X IN)divided by16
SRDY output enable bit (SRDY)
0 : P17pin operates as ordinary I/O pin
1 : P17
pin operates as SRDY output pin
Transmit interrupt source selection bit (TIC)
0 : Interrupt when transmit buffer has emptied.
1 : Interrupt when transmit shift operation is completed.
Transmit enable bit (TE)
0 : Transmit disabled
1 : Transmit enabled
Receive enable bit (RE)
0 : Receive disabled
1 : Receive enabled
Serial I/O mode selection bit (SIOM)
0 : Asynchronous serial I/O (UART)
1 : Clock synchronous serial I/O
Serial I/O enable bit (SIOE)
0 : Serial I/O disabled
(pins P14 to P17 operate as ordinary
I/O pins)
1 :
Serial I/O enabled
(pins P14 to P17 operate as serial
I/O pins)
b7
b0
UART control register
(UARTCON: address 00E316)
Character length selection bit (CHAS)
0 : 8 bits
1 : 7 bits
Not used (returns “1” when read)
Parity enable bit (PARE)
0 : Parity checking disabled
1 : Parity checking enabled
Parity selection bit (PARS)
0 : Even parity
1 : Odd parity
Stop bit length selection bit (STPS)
0 : 1 stop bit
1 : 2 stop bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com