Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 19Page - Renesas Technology Corp 7477 Datasheet HTML 20Page - Renesas Technology Corp 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp 7477 Datasheet HTML 25Page - Renesas Technology Corp 7477 Datasheet HTML 26Page - Renesas Technology Corp 7477 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
22
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
A-D CONVERTER
The A-D conversion uses an 8-bit successive comparison method.
Figure 13 shows a block diagram of the A-D conversion circuit.
Conversion is automatically carried out once started by the pro-
gram.
There are eight analog input pins which are shared with P20 to
P27 of port P2 (Only P20 to P23 4-bit for 7477 group).
Which analog inputs are to be A-D converted is specified by using
bit 2 to bit 0 in the A-D control register (address 00D916). Pins for
inputs to be A-D converted must be set for input by setting the di-
rection register bit to “0”. Bit 3 in the A-D control register is an A-D
conversion end bit. This is “0” during A-D conversion; it is set to “1“
when the conversion is terminated. Therefore, it is possible to
know whether A-D conversion is terminated by checking this bit.
Figure 14 shows the relationship between the contents of A-D
control register and the selected input pins.
Fig. 13 A-D converter circuit
The A-D conversion register (address 00DA16) contains informa-
tion on the results of conversion, so that it is possible to know the
results of conversion by reading the contents of this register.
The following explains the procedure to execute A-D conversion.
First, set values to bit 2 to bit 0 in the A-D control register to select
the pins that you want to execute A-D conversion. Next, clear the
A-D conversion end bit to “0”. When the above is done, A-D con-
version is initiated. The A-D conversion is completed after an
elapse of 50 machine cycles (12.5
µs when f(XIN) = 8MHz), the A-
D conversion end bit is set to “1”, and the interrupt request bit is
set to “1”. The results of conversion are contained in the A-D con-
version register.
Comparator
A-D control circuit
Switch tree
Ladder resistor
A-D conversion
completion
interrupt request
VSS (Note 1)
VREF
1 : AVSS for M37478M4/M8/E8-XXXFP and M37478M2/M4/M8/E8TXXXFP.
2 : The 7477 group does not have P2 4/IN4 to P27/IN7 pins.
P20/IN0
P21/IN1
P22/IN2
P23/IN3
P24/IN4
P25/IN5
P26/IN6
P27/IN7
Data bus
A-D control register
(address 00D916)
bit 3
Notes
bit 0
A-D conversion register
(address 00DA16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com