Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 37Page - Renesas Technology Corp 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp 7477 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
40
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PROGRAMMING NOTES
(1) The frequency ratio of the timer is 1/(n+1).
(2) The contents of the interrupt request bits are not modified im-
mediately after they have been written. After writing to an
interrupt request register, execute at least one instruction be-
fore executing a BBC or BBS instruction.
(3) To calculate in decimal notation, set the decimal mode flag (D)
to “1”, then execute an ADC or SBC instruction. Only the ADC
and SBC instruction yield proper decimal results. After execut-
ing an ADC or SBC instruction, execute at least one
instruction before executing a SEC, CLC, or CLD instruction.
(4) An NOP instruction must be used after the execution of a PLP
instruction.
(5) Do not execute the STP instruction during A-D conversion.
(6) In the 7477 group, set bit 0, bit 1, and bit 3 – bit 7 to “0” of the
CPU mode register.
(7) Multiply/Divide instructions
The index X mode (T) and the decimal mode (D) flag do not
affect the MUL and DIV instruction.
The execution of these instructions does not modify the con-
tents of the processor status register.
DATA REQUIRED FOR MASK ORDERING
Please send the following data for mask orders.
(1) mask ROM confirmation form
(2) mark specification form
(3) ROM data ......................................................... EPROM 3 sets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com