Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp 7477 Datasheet HTML 45Page - Renesas Technology Corp 7477 Datasheet HTML 46Page - Renesas Technology Corp 7477 Datasheet HTML 47Page - Renesas Technology Corp 7477 Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
43
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37477M4/M8/E8-XXXSP/FP, M37477M2T/M4T/M8T/E8TXXXSP/FP
A-D CONVERSION CHARACTERISTICS
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = –20 to 85°C, unless otherwise noted (Note 1))
Unit
Symbol
Parameter
Test Conditions
Limits
8
±3
25
12.5
VCC
10
VREF
Resolution
Absolute accuracy
Conversion time
Reference input voltage
Ladder resistance value
Analog input voltage
VCC = 2.7 to 5.5 V, f(XIN) = 4 MHz
VCC = 4.5 to 5.5 V, f(XIN) = 8 MHz
0.5 VCC
(Note 2)
2
0
5
Max.
Typ.
Min.
Notes 1 : –40°C to 85°C for extended operating temperature version.
2 : Set the VREF voltage to 0.5VCC or more and 2V or more. When using no A-D converter, connect it to VCC.
——
——
TCONV
VREF
RLADDER
VIA
bits
LSB
µs
V
k
Ω
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com