Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 34Page - Renesas Technology Corp 7477 Datasheet HTML 35Page - Renesas Technology Corp 7477 Datasheet HTML 36Page - Renesas Technology Corp 7477 Datasheet HTML 37Page - Renesas Technology Corp 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
37
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Table 2. Pin function in EPROM mode
M37477E8, M37478E8
VCC
P33
VSS
Ports
P11 – P17,
P20 – P23, P30,
P31, P40, P41
Port P0
VREF
P32
VCC
VPP
VSS
Address input
Data I/O
CE
OE
M5L27C256K
VCC
VPP
VSS
A0 – A14
D0 – D7
CE
OE
Fig. 30 Pin connection in EPROM mode
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
VSS
CE
D7
D6
D5
D4
D3
D2
D1
D0
A14
A13
VPP
A12
A11
VCC
OE
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41
P40
P33/CNTR1
P32/CNTR0
P31/INT1
P30/INT0
RESET
VCC
17
26
25
24
23
22
18
19
20
21
27
33
35
36
37
38
39
40
41
42
34
P53
P27/IN7
P26/IN6
P25/IN5
P24/IN4
P52
P51/XCOUT
P50/XCIN
P43
P42
Oscillation
circuit
: Same functions as M5L27C256K
EPROM MODE
The M37477E8, M37478E8 feature an EPROM mode in addition
to its normal modes. When the RESET signal level is low (“L”), the
chip automatically enters the EPROM mode. Table 2 lists the cor-
respondence between pins and Figure 30 to 32 give the pin
connection in the EPROM mode. When in the EPROM mode,
ports P0, P11 to P17, P20 to P23, P3, P40, P41 and VREF are used
for the PROM (equivalent to the M5L27C256K). When in this
mode, the built-in PROM can be written to or read from using
these pins in the same way as with the M5L27C256K. The oscilla-
tor should be connected to the XIN and XOUT pins, or external
clock should be connected to the XIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com