Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 16Page - Renesas Technology Corp 7477 Datasheet HTML 17Page - Renesas Technology Corp 7477 Datasheet HTML 18Page - Renesas Technology Corp 7477 Datasheet HTML 19Page - Renesas Technology Corp 7477 Datasheet HTML 20Page - Renesas Technology Corp 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
19
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
buffers have the same address in memory. Since the shift register
cannot be written to or read from directly, transmit data is written
to the transmit buffer, and receive data is read from the receive
buffer. The transmit buffer can also hold the next data to be trans-
mitted, and the receive buffer can hold a character while the next
character is being received.
Asynchronous Serial I/O (UART) Mode
Clock asynchronous serial I/O mode (UART) can be selected by
clearing the serial I/O mode selection bit of the serial I/O control
register to “0”.
Eight serial data transfer formats can be selected, and the transfer
formats used by a transmitter and receiver must be identical. The
transmit and receive shift registers each have a buffer, but the two
Fig. 10 UART serial I/O block diagram
Fig. 11 Operation of UART serial I/O function
Receive buffer register
Clock control circuit
Serial I/O control register
Baud rate generator
Serial I/O status register
1/4
1/4
Transmit shift completion flag (TSC)
Transmit interrupt request (TI)
Transmit buffer empty flag (TBE)
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Frequency dividing ratio 1/(n+1)
P14
P15
P16
Receive shift register
Transmit shift register
Transmit buffer register
TXD
SCLK
RXD
f(XIN)
Address 00E016
Address 00E216
Address 00E016
Address 00E116
7-bit
1/16
1/16
UART control register
ST/SP/PA generation
Serial I/O synchronous clock
selection bit
OE
SP detection
8-bit
PE
FE
ST detection
Address 00E316
Character
length
selection
bit
Data bus
Data bus
RE
TE
TIC
ST
D0
D1
SP
ST
D0
D1
SP
Transmit or receive clock
Transmit buffer write signal
Serial output TxD
Receive buffer read signal
Serial input RxD
TBE=0
TSC=0
TBE=0
TBE=1
RBF=0
RBF=1
RBF=1
TSC=1
1 start bit
7 or 8 data bits
1 or 0 parity bit
1 or 2 stop bit(s)
ST
D0
D1
SP
ST
D1
SP
V
VGenerated at 2nd bit in 2-stop-bit mode
Notes 1 : Error flag detection occurs at the same time that the RBF flag becomes “1” (at 1st stop bit during reception).
2 : The transmit interrupt (TI) can be selected to occur when either the TBE or TSC flag becomes “1,” depending on the
setting of the transmit interrupt source selection bit (TIC) of the serial I/O control register.
3 : The receive interrupt (RI) is set when the RBF flag becomes “1”.
TBE=1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com