Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp 7477 Datasheet HTML 25Page - Renesas Technology Corp 7477 Datasheet HTML 26Page - Renesas Technology Corp 7477 Datasheet HTML 27Page - Renesas Technology Corp 7477 Datasheet HTML 28Page - Renesas Technology Corp 7477 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
24
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
The key on wake up interrupt is common with the INT1 interrupt.
When EG5 is set to “1”, the key on wake up function is selected.
However, key on wake up cannot be used in the normal operating
state. When the microcomputer is in the normal operating state,
both key on wake up and INT1 are invalid.
KEY ON WAKE UP
“Key on wake up” is one way of returning from a power down state
caused by the STP or WIT instruction. If any terminal of port P0
has “L” level applied, after bit 5 of the edge polarity selection reg-
ister (EG5) is set to “1”, an interrupt is generated and the
microcomputer is returned to the normal operating state. A key
matrix can be connected to port P0 and the microcomputer can be
returned to a normal state by pushing any key.
Fig. 15 Block diagram of interrupt input and key on wake up circuit
P33/CNTR1
P32/CNTR0
P30/INT0
P31/INT1
P07
P01
EG3
Port P33 data read circuit
CNTR interrupt request signal
Port P32 data read circuit
EG0
Port P30 data read circuit
INT0 interrupt request signal
Port P31 data read circuit
INT1 interrupt request signal
CPU halt state signal
Port P0 data read circuit
EG1
EG5
P00
Pull-up control
register
Direction register
Pull-up control
register
Direction register
Pull-up control
register
Direction register
EG2
Noise
eliminating
circuit
1/2
1/2
XCIN
(P50)
XIN
CM7
(
Select gate: At reset, shaded side is connected.).
Note: The 7477 group does not have X CIN input.
EG4
Noise
eliminating
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com