Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp 7477 Datasheet HTML 45Page - Renesas Technology Corp 7477 Datasheet HTML 46Page - Renesas Technology Corp 7477 Datasheet HTML 47Page - Renesas Technology Corp 7477 Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
44
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37478M4/M8/E8-XXXSP/FP, M37478M2T/M4T/M8T/E8TXXXSP/FP, M37478E8SS
ABSOLUTE MAXIMUM RATINGS
Power source voltage
Input voltage XIN
Input voltage P00 – P07, P10 – P17, P20 – P27,
_____
P30 – P33, P40 – P43, P50 – P53, VREF, RESET
Output voltage P00 – P07, P10 – P17, P40 – P43, XOUT
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VO
Pd
Topr
Tstg
V
V
V
V
mW
°C
°C
–0.3 to 7
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VCC +0.3
1000 (Note 1)
–20 to 85 (Note 2)
–40 to 150 (Note 3)
Unit
Symbol
Parameter
Ratings
Conditions
Ta = 25°C
Notes 1 : 500mW for 56P6N-A package.
2 : –40°C to 85°C for extended operating temperature version.
3 : –65°C to 150°C for extended operating temperature version.
All voltages are based on VSS.
Output transistors are cut off
4.5
5.5
VCC
VCC
0.2 VCC
0.25 VCC
0.12 VCC
0.16 VCC
– 30
– 30
60
60
– 10
20
– 5
10
1
2
250
500
1
2
2.2VCC –2
8
50
f(CNTR)
f(SCLK)
f(XIN)
f(XCIN)
RECOMMENDED OPERATING CONDITIONS
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85°C unless otherwise noted (Note 1))
2.7
4.5
0.8 VCC
0.7 VCC
0
0
0
0
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
5
0
0
32
Symbol
Parameter
Limits
Min.
Typ.
Max.
Unit
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
VCC = 2.7 to 4.5 V
VCC = 4.5 to 5.5 V
MHz
kHz
MHz
MHz
kHz
VCC
VSS
AVSS
VIH
VIH
VIL
VIL
VIL
VIL
IOH(sum)
IOH(sum)
IOL(sum)
IOL(sum)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
Timer input frequency CNTR0 (P32), CNTR1 (P33)
(Note 4)
Use as clock
synchronous serial
I/O mode
Use as UART mode
Main clock input oscillation frequency (Note 4)
Serial I/O clock input
frequency SCLK (P16)
(Note 3)
f(XIN) = 2.2VCC – 2.0 MHz
f(XIN) = 8 MHz
Sub-clock input oscillation frequency for clock function (Note 4,5)
Notes 1 : –40°C to 85°C for extended operating temperature version.
2 : It is except to use P50 as XCIN.
3 : The average output current IOH (avg) and IOL (avg) are the average value during a 100ms.
4 : Oscillation frequency is at 50% duty cycle.
5 : Set f(XCIN) < f(XIN) / 3 when the sub-clock is used.
Power source voltage
Power source voltage
Analog power source voltage
“H” input voltage P00 – P07, P10 – P17 , P30 – P33, RESET, XIN
“H” input voltage P20 – P27, P40 – P43, P50 – P53 (Note 2)
“L” input voltage P00 – P07, P10 – P17, P30 – P33
“L” input voltage P20 – P27, P40 – P43, P50–P53 (Note 2)
“L” input voltage RESET
“L” input voltage XIN
“H” sum output current P00 – P07, P40 – P43
“H” sum output current P10 – P17
“L” sum output current P00 – P07, P40 – P43
“L” sum output current P10 – P17
“H” peak output current P00 – P07, P10 – P17, P40 – P43
“L” peak output current P00 – P07, P10 – P17, P40 – P43
“H” average output current P00 – P07, P10 – P17, P40 – P43 (Note 3)
“L” average output current P00 – P07, P10 – P17, P40 – P43 (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com