Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 15Page - Renesas Technology Corp 7477 Datasheet HTML 16Page - Renesas Technology Corp 7477 Datasheet HTML 17Page - Renesas Technology Corp 7477 Datasheet HTML 18Page - Renesas Technology Corp 7477 Datasheet HTML 19Page - Renesas Technology Corp 7477 Datasheet HTML 20Page - Renesas Technology Corp 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
18
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
SERIAL I/O
Serial I/O can be used as either clock synchronous or asynchro-
nous (UART) serial I/O. A dedicated timer (baud rate generator) is
also provided for baud rate generation.
Clock Synchronous Serial I/O Mode
Clock synchronous serial I/O mode can be selected by setting the
mode selection bit of the serial I/O control register to “1”.
For clock synchronous serial I/O, the transmitter and the receiver
must use the same clock. If an internal clock is used, transfer is
started by a write signal to the transmit or receive buffer.
Fig. 8 Clock synchronous serial I/O block diagram
Fig. 9 Operation of clock synchronous serial I/O function
Transfer shift clock
(1/8 to 1/8192 of the internal
clock, or an external clock)
Serial output TxD
Serial input RxD
Receive enable signal SRDY
Write signal to
receive/transmit buffer
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
TBE = 0
TBE = 1
TSC = 0
RBF = 1
TSC = 1
Overrun error (OE) detection
Notes 1 : The transmit interrupt request (TI) can be selected to occur either when the transmit buffer has emptied (TBE = 1) or after the
transmit shift operation has ended (TSC = 1), by setting the transmit interrupt source selection bit (TIC) of the serial I/O control
register.
2 : If data is written to the transmit buffer when TSC = 0, the transmit clock is generated continuously and serial data is output
continuously from the TxD pin.
3 : The receive interrupt request (RI) is set when the receive buffer full flag (RBF) becomes “1”.
Data bus
Data bus
Receive buffer register
Clock control circuit
Serial I/O control register
Fall detect
Serial I/O status register
F/F
1/4
1/4
1/4
Transmit shift completion flag (TSC)
Transmit interrupt request (TI)
Transmit buffer empty flag (TBE)
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Serial I/O synchronous
clock selection
bit (SCS)
Frequency dividing
ratio 1/(n+1)
P16
P14
Shift clock
P15
P17
Clock control circuit
Receive shift register
Transmit shift register
Transmit buffer register
TXD
SRDY
SCLK
RXD
f(XIN)
SRDY
Address 00E016
Address 00E216
Address 00E016
Address 00E116
Address 00E416
CSS
TE
RE
SIOE
Baud rate generator
TIC
Shift clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com