Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 5Page - Renesas Technology Corp 7477 Datasheet HTML 6Page - Renesas Technology Corp 7477 Datasheet HTML 7Page - Renesas Technology Corp 7477 Datasheet HTML 8Page - Renesas Technology Corp 7477 Datasheet HTML 9Page - Renesas Technology Corp 7477 Datasheet HTML 10Page - Renesas Technology Corp 7477 Datasheet HTML 11Page - Renesas Technology Corp 7477 Datasheet HTML 12Page - Renesas Technology Corp 7477 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
8
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Input/
Output
PIN DESCRIPTION
Pin
Name
Functions
Power source
Analog power
source
Reset input
Clock input
Clock output
Reference voltage
input
I/O port P0
I/O port P1
Input port P2
Input port P3
I/O port P4
Input port P5
Input
Input
Output
Input
I/O
I/O
Input
Input
I/O
Input
Notes 1 : AVSS for M37478M4/M8/E8-XXXFP and M37478M2/M4/M8/E8TXXXFP.
2 : Only P20–P23 (IN0–IN3) 4-bit for the 7477 group.
3 : Only P40 and P41 2-bit for the 7477 group.
4 : This port is not included in the 7477 group.
Apply voltage of 2.7 to 5.5V to VCC, and 0V to VSS.
Ground level input pin for A-D converter.
Same voltage as VSS is applied.
To enter the reset state, the reset input pin must be kept at “L” for 2
µs or more
(under normal VCC conditions).
These are I/O pins of internal clock generating circuit for main clock. To
control generating frequency, an external ceramic or a quartz crystal oscillator
is connected between the XIN and XOUT pins. If an external clock is used, the
clock source should be connected the XIN pin and the XOUT pin should be left
open. Feedback resistor is connected between XIN and XOUT.
Reference voltage input pin for A-D converter.
Port P0 is an 8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistor can be connected in
units of 1-bit and a key on wake up function is provided.
Port P1 is an 8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistor can be connected in
units of 4-bit. P12 and P13 are in common with timer output pins T0 and T1.
P14, P15, P16 and P17 are in common with serial I/O pins RXD, TXD, SCLK
____
and SRDY, respectively.
Port P2 is an 8-bit input port.
This port is in common with analog input pins IN0 to IN7.
Port P3 is a 4-bit input port. P30, P31 are in common with external interrupt
input pins INT0, INT1, and P32, P33 are in common with timer input pins
CNTR0, CNTR1.
Port P4 is a 4-bit I/O port. The output structure is CMOS output, When this
port is selected for input, pull-up transistor can be connected in units of 4-bit.
Port P5 is a 4-bit input port and pull-up transistor can be connected in units of
4-bit. P50, P51 are in common with input/output pins of clock for clock function
XCIN, XCOUT. When P50, P51 are used as XCIN, XCOUT, connect a ceramic or a
quartz crystal oscillator between XCIN and XCOUT. If an external clock input is
used, connect the clock input to the XCIN pin and open the XCOUT pin.
Feedback resistor is connected between XCIN and XCOUT pins.
VCC, VSS
AVSS
(Note 1)
RESET
XIN
XOUT
VREF
P00 – P07
P10 – P17
P20 – P27
(Note 2)
P30 – P33
P40 – P43
(Note 3)
P50 – P53
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com