Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 36Page - Renesas Technology Corp 7477 Datasheet HTML 37Page - Renesas Technology Corp 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
39
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PROM READING AND WRITING
Reading
To read the PROM, set the CE and OE pins to “L” level. Input the
address of the data (A0 to A14) to be read and the data will be out-
put to the I/O pins (D0 to D7). The data I/O pins will be floating
when either the CE or OE pin is in the “H” state.
Writing
To write to the PROM, set the OE pin to “H” level. The CPU will en-
ter the program mode when VPP is applied to the VPP pin. The
address to be written to is selected with pins A0 to A14, and the
data to be written is input to pins D0 to D7. Set the CE pin to “L”
level to begin writing.
Note on Writing
When using a PROM programmer, the address range should be
between 400016 and 7FFF16. When data is written between ad-
dresses 000016 and 7FFF16, fill addresses 000016 to 3FFF16 with
FF16.
Erasing
Data can only erased on the M37478E8SS ceramic package,
which includes a window. To erase data on this chip, use an ultra-
violet light source with a 2537 Angstrom wave length. The
minimum radiation power necessary for erasing is 15W · s/cm2.
NOTES ON HANDLING
(1) Sunlight and fluorescent light contain wave lengths capable of
erasing data. For ceramic package types, cover the transpar-
ent window with a seal (provided) when this chip is in use.
However, this seal must not contact the lead pins.
(2) Before erasing, the glass should be cleaned and stains such
as finger prints should be removed thoroughly. If these stains
are not removed, complete erasure of the data could be pre-
vented.
(3) Since a high voltage (12.5V) is used to write data, care should
be taken when turning on the PROM programmer’s power.
(4) For the programmable microcomputer (shipped in One Time
PROM version), Mitsubishi does not perform PROM write test
and screening in the assembly process and following pro-
cesses. To improve reliability after write, performing write and
test according to the flow below before use is recommended.
Writing with PROM programmer
Verify test with PROM programmer
Function check in target device
Screening (Caution) (Leave at 150
°C for 40 hours.)
Caution : Since the screening temperature is higher than storage
temperature, never expose to 150°C exceeding 100
hours.
Read-out
Output disable
Programming
Programming verify
Program disable
Output
Floating
Input
Output
Floating
VIL
VIH
VIH
VIL
VIH
VCC
VCC
VPP
VPP
VPP
VCC
VCC
VCC
VCC
VCC
VIL
VIL
VIL
VIH
VIH
Pin
Mode
__
CE
__
OE
VPP
VCC
Data I/O
Note : VIL and VIH indicate an “L” and an “H” input voltage, respectively.
Table 3. I/O signal in each mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com