Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp 7477 Datasheet HTML 25Page - Renesas Technology Corp 7477 Datasheet HTML 26Page - Renesas Technology Corp 7477 Datasheet HTML 27Page - Renesas Technology Corp 7477 Datasheet HTML 28Page - Renesas Technology Corp 7477 Datasheet HTML 29Page - Renesas Technology Corp 7477 Datasheet HTML 30Page - Renesas Technology Corp 7477 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
26
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
I/O PORTS
(1) Port P0
Por t P0 is an 8-bit I/O port with CMOS outputs. As shown in
Figure 2, P0 can be accessed as memory through zero page
address 00C016. Port P0’s direction register allows each bit to
be programmed individually as input or output. The direction
register (zero page address 00C116) can be programmed as
input with “0”, or as output with “1”. When in the output mode,
the data to be output is latched to the port latch and output.
When data is read from the output port, the output pin level is
not read, only the latched data of the port latch is read.
Therefore, a previously output value can be read correctly
even though the output voltage level has been shifted up or
down. Port pins set as input are in the high impedance state
so the signal level can be read. When data is written into the
input port, the data is latched only to the output latch and the
pin still remains in the high impedance state. Following the
execution of STP or WIT instruction, key matrix with port P0
can be used to generate the interrupt to bring the microcom-
puter back in its normal state. When this port is selected for
input, pull-up transistor can be connected in units of 1-bit.
(2) Port P1
Port P1 has the same function as port P0. P12 – P17 serve
dual functions, and the desired function can be selected by
the program. When this port is selected for input, pull-up tran-
sistor can be connected in units of 4-bit.
(3) Port P2
Port P2 is an 8-bit input port. In the 7477 group, this port is
P20 – P23, a 4-bit input port. This port can also be used as
the analog voltage input pins.
(4) Port P3
Port P3 is a 4-bit input port.
(5) Port P4
Port P4 is a 4-bit I/O port and has basically the same func-
tions as port P0. In the 7477 group, this port is P40 and P41,
a 2-bit I/O port. When this port is selected for input, pull-up
transistor can be connected in units of 4-bit .
(6) Port P5
Port P5 is a 4-bit input port and pull-up transistor can be con-
nected in units of 4-bit. P50 and P51 are shared with clock
generating circuit input/output pins.
The 7477 group does not have this port.
(7) INT0 pin (P30/INT0 pin)
This is an interrupt input pin, and is shared with port P30.
When “H” to “L” or “L” to “H” transition input is applied to this
pin, the INT0 interrupt request bit (bit 0 of address 00FD16) is
set to “1”.
(8) INT1 pin (P31/INT1 pin)
This is an interrupt input pin, and is shared with port P31.
When “H” to “L” or “L” to “H” transition input is applied to this
pin, the INT1 interrupt request bit (bit 1 of address 00FD16) is
set to “1”.
(9) Counter input CNTR0 pin (P32/CNTR0 pin)
This is a timer input pin, and is shared with port P32.
When this pin is selected to CNTR0 or CNTR1 interrupt input
pin and “H” to “L” or “L” to “H” transition input is applied to this
pin, the CNTR0 or CNTR1 interrupt request bit (bit 2 of ad-
dress 00FD16) is set to “1”.
(10) Counter input CNTR1 pin (P33/CNTR1 pin)
This is a timer input pin, and is shared with port P33.
When this pin is selected to CNTR0 or CNTR1 interrupt input
pin and “H” to “L” or “L” to “H” transition input is applied to this
pin, the CNTR0 or CNTR1 interrupt request bit (bit 2 of ad-
dress 00FD16) is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com