Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 102Page - Renesas Technology Corp 4518 Datasheet HTML 103Page - Renesas Technology Corp 4518 Datasheet HTML 104Page - Renesas Technology Corp 4518 Datasheet HTML 105Page - Renesas Technology Corp 4518 Datasheet HTML 106Page - Renesas Technology Corp 4518 Datasheet HTML 107Page - Renesas Technology Corp 4518 Datasheet HTML 108Page - Renesas Technology Corp 4518 Datasheet HTML 109Page - Renesas Technology Corp 4518 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 160 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.01
2005.06.15
page 106 of 157
REJ03B0008-0301
4518 Group
SNZT4 (Skip if Non Zero condition of Timer 4 inerrupt request flag)
SRST (System ReSeT)
SST (Serial i/o transmission/reception STart)
1010000011
283
11
–
V21 = 0: (T4F) = 1
Grouping:
Timer operation
Description: When V21 = 0 : Skips the next instruction
when timer 4 interrupt request flag T4F is
“1.” After skipping, clears (0) to the T4F
flag. When the T4F flag is “0,” executes the
next instruction.
When V21 = 1 : This instruction is equiva-
lent to the NOP instruction.
Operation:
V21 = 0: (T4F) = 1 ?
After skipping, (T4F)
← 0
V21 = 1: SNZT4 = NOP
(V21 = bit 1 of interrupt control register V2)
0000000001
001
11
–
–
Grouping:
Other operation
Description: System reset occurs.
Operation:
System reset occurrence
1010011110
29E
11
–
–
Grouping:
Serial I/O operation
Description: Clears (0) to SIOF flag and starts serial I/O.
Operation:
(SIOF)
← 0
Serial I/O transmission/reception start
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SZB j (Skip if Zero, Bit)
00001000j
j
02j
11
–
(Mj(DP)) = 0
j = 0 to 3
Grouping:
Bit operation
Description: Skips the next instruction when the con-
tents of bit j (bit specified by the value j in
the immediate field) of M(DP) is “0.”
Executes the next instruction when the con-
tents of bit j of M(DP) is “1.”
Operation:
(Mj(DP)) = 0 ?
j = 0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com