Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 104Page - Renesas Technology Corp 4518 Datasheet HTML 105Page - Renesas Technology Corp 4518 Datasheet HTML 106Page - Renesas Technology Corp 4518 Datasheet HTML 107Page - Renesas Technology Corp 4518 Datasheet HTML 108Page - Renesas Technology Corp 4518 Datasheet HTML 109Page - Renesas Technology Corp 4518 Datasheet HTML 110Page - Renesas Technology Corp 4518 Datasheet HTML 111Page - Renesas Technology Corp 4518 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 160 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.01
2005.06.15
page 108 of 157
REJ03B0008-0301
4518 Group
T3AB (Transfer data to timer 3 and register R3 from Accumulator and register B)
T4AB (Transfer data to timer 4 and register R4L from Accumulator and register B)
T4HAB (Transfer data to register R4H from Accumulator and register B)
1000110010
232
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register B to the
high-order 4 bits of timer 3 and timer 3 re-
load register R3. Transfers the contents of
register A to the low-order 4 bits of timer 3
and timer 3 reload register R3.
Operation:
(T37–T34)
← (B)
(R37–R34)
← (B)
(T33–T30)
← (A)
(R33–R30)
← (A)
1000110011
233
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register B to the
high-order 4 bits of timer 4 and timer 4 re-
load register R4L. Transfers the contents of
register A to the low-order 4 bits of timer 4
and timer 4 reload register R4L.
Operation:
(T47–T44)
← (B)
(R4L7–R4L4)
← (B)
(T43–T40)
← (A)
(R4L3–R4L0)
← (A)
1000110111
237
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register B to the
high-order 4 bits of timer 4 and timer 4 re-
load register R4H. Transfers the contents of
register A to the low-order 4 bits of timer 4
and timer 4 reload register R4H.
Operation:
(R4H7–R4H4)
← (B)
(R4H3–R4H0)
← (A)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
T4R4L (Transfer data to timer 4 from register R4L)
1010010111
297
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of reload register
R4L to timer 4.
Operation:
(T47–T44)
← (R4L7–R4L4)
(T43–T40)
← (R4L3–R4L0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com