Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 34Page - Renesas Technology Corp R8C/18 Datasheet HTML 35Page - Renesas Technology Corp R8C/18 Datasheet HTML 36Page - Renesas Technology Corp R8C/18 Datasheet HTML 37Page - Renesas Technology Corp R8C/18 Datasheet HTML 38Page - Renesas Technology Corp R8C/18 Datasheet HTML 39Page - Renesas Technology Corp R8C/18 Datasheet HTML 40Page - Renesas Technology Corp R8C/18 Datasheet HTML 41Page - Renesas Technology Corp R8C/18 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 257 page
background image
R8C/18 Group, R8C/19 Group
5. Resets
Rev.1.30
Apr 14, 2006
Page 23 of 233
REJ09B0222-0130
Table 5.2 shows the Pin Functions after Reset, Figure 5.2 shows CPU Register Status after Reset and
Figure 5.3 shows Reset Sequence.
Figure 5.2
CPU Register Status after Reset
Figure 5.3
Reset Sequence
Table 5.2
Pin Functions after Reset
Pin Name
Pin Functions
P1
Input port
P3_3 to P3_5, P3_7
Input port
P4_2, P4_5 to P4_7
Input port
b19
b0
Interrupt table register (INTB)
Program counter (PC)
User stack pointer (USP)
Interrupt stack pointer (ISP)
Static base register (SB)
Content of addresses 0FFFEh to 0FFFCh
Flag register (FLG)
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8
b7
b15
b0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
Data register (R0)
Data register (R1)
Data register (R2)
Data register (R3)
Address register (A0)
Address register (A1)
Frame base register (FB)
00000h
0000h
0000h
0000h
0000h
CPU clock
× 28 cycles
0FFFCh
0FFFEh
0FFFDh
Content of reset vector
20 cycles or more needed(1)
fRING-S
Internal reset
signal
CPU clock
Address
(internal address
signal)
NOTE:
1. Hardware reset
Flash memory activation
(CPU clock
× 11 cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com