Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 10Page - Renesas Technology Corp R8C/18 Datasheet HTML 11Page - Renesas Technology Corp R8C/18 Datasheet HTML 12Page - Renesas Technology Corp R8C/18 Datasheet HTML 13Page - Renesas Technology Corp R8C/18 Datasheet HTML 14Page - Renesas Technology Corp R8C/18 Datasheet HTML 15Page - Renesas Technology Corp R8C/18 Datasheet HTML 16Page - Renesas Technology Corp R8C/18 Datasheet HTML 17Page - Renesas Technology Corp R8C/18 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 257 page
background image
B - 1
NOTE:
1.
The blank regions are reserved. Do not access locations
in these regions.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
51
0005h
Processor Mode Register 1
PM1
51
0006h
System Clock Control Register 0
CM0
55
0007h
System Clock Control Register 1
CM1
56
0008h
0009h
Address Match Interrupt Enable Register
AIER
93
000Ah
Protect Register
PRCR
71
000Bh
000Ch
Oscillation Stop Detection Register
OCD
57
000Dh
Watchdog Timer Reset Register
WDTR
99
000Eh
Watchdog Timer Start Register
WDTS
99
000Fh
Watchdog Timer Control Register
WDC
98
0010h
Address Match Interrupt Register 0
RMAD0
93
0011h
0012h
0013h
0014h
Address Match Interrupt Register 1
RMAD1
93
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
99
001Dh
001Eh
INT0 Input Filter Select Register
INT0F
85
001Fh
0020h
High-Speed On-Chip Oscillator Control
Register 0
HRA0
58
0021h
High-Speed On-Chip Oscillator Control
Register 1
HRA1
59
0022h
High-Speed On-Chip Oscillator Control
Register 2
HRA2
59
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
Voltage Detection Register 1
VCA1
43
0032h
Voltage Detection Register 2
VCA2
43
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
44
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
45
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
0049h
004Ah
004Bh
004Ch
004Dh
Key Input Interrupt Control Register
KUPIC
77
004Eh
Comparator Conversion Interrupt Control Register
ADIC
77
004Fh
0050h
Compare 1 Interrupt Control Register
CMP1IC
77
0051h
UART0 Transmit Interrupt Control Register
S0TIC
77
0052h
UART0 Receive Interrupt Control Register
S0RIC
77
0053h
UART1 Transmit Interrupt Control Register
S1TIC
77
0054h
UART1 Receive Interrupt Control Register
S1RIC
77
0055h
0056h
Timer X Interrupt Control Register
TXIC
77
0057h
0058h
Timer Z Interrupt Control Register
TZIC
77
0059h
INT1 Interrupt Control Register
INT1IC
77
005Ah
INT3 Interrupt Control Register
INT3IC
77
005Bh
Timer C Interrupt Control Register
TCIC
77
005Ch
Compare 0 Interrupt Control Register
CMP0IC
77
005Dh
INT0 Interrupt Control Register
INT0IC
78
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com