Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 77Page - Renesas Technology Corp R8C/18 Datasheet HTML 78Page - Renesas Technology Corp R8C/18 Datasheet HTML 79Page - Renesas Technology Corp R8C/18 Datasheet HTML 80Page - Renesas Technology Corp R8C/18 Datasheet HTML 81Page - Renesas Technology Corp R8C/18 Datasheet HTML 82Page - Renesas Technology Corp R8C/18 Datasheet HTML 83Page - Renesas Technology Corp R8C/18 Datasheet HTML 84Page - Renesas Technology Corp R8C/18 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 66 of 233
REJ09B0222-0130
10.4.3
Stop Mode
Since the oscillator circuits stop in stop mode, the CPU clock and peripheral function clock stop and
the CPU and peripheral functions that use these clocks stop operating. The least power required to
operate the MCU is in stop mode. If the voltage applied to the VCC pin is VRAM or more, the
contents of internal RAM is maintained.
The peripheral functions clocked by external signals continue operating. Table 10.4 lists Interrupts to
Exit Stop Mode and Usage Conditions.
10.4.3.1
Entering Stop Mode
The MCU enters stop mode when the CM10 bit in the CM1 register is set to 1 (all clocks stop). At the
same time, the CM06 bit in the CM0 register is set to 1 (Divide-by-8 mode) and the CM15 bit in the
CM10 register is set to 1 (main clock oscillation circuit drive capacity high).
When using stop mode, set bits OCD1 to OCD0 to 00b (oscillation stop detection function disabled)
before entering stop mode.
10.4.3.2
Pin Status in Stop Mode
The status before wait mode was entered is maintained.
However, when the CM13 bit in the CM1 register is set to 1 (XIN-XOUT pins), the XOUT(P4_7) pin is
held “H”. When the CM13 bit is set to 0 (input ports P4_6 and P4_7), the P4_7(XOUT) pin is held in
input status.
10.4.3.3
Exiting Stop Mode
The MCU exits stop mode by a hardware reset or peripheral function interrupt.
When using a hardware reset to exit stop mode, set bits ILVL2 to ILVL0 for the peripheral function
interrupts to 000b (interrupts disabled) before setting the CM10 bit to 1.
When using a peripheral function interrupt to exit stop mode, set up the following before setting the
CM10 bit to 1.
(1) Set the interrupt priority level in bits ILVL2 to ILVL0 of the peripheral function interrupts to be
used for exiting stop mode. Set bits ILVL2 to ILVL0 of the peripheral function interrupts that are
not to be used for exiting stop mode to 000b (interrupt disabled).
(2) Set the I flag to 1.
(3) Operate the peripheral function to be used for exiting stop mode.
When exiting by a peripheral function interrupt, the interrupt sequence is executed when an interrupt
request is generated and the CPU clock supply is started.
The CPU clock, when exiting stop mode by a peripheral function interrupt, is the Divide-by-8 of the
clock which was used before stop mode was entered.
Table 10.4
Interrupts to Exit Stop Mode and Usage Conditions
Interrupt
Usage Conditions
Key input interrupt
−
INT0 to INT1 interrupts
INT0 can be used if there is no filter.
INT3 interrupt
No filter. Interrupt request is generated at INT3 input (TCC06 bit in
TCC0 register is set to 1).
Timer X interrupt
When external pulse is counted in event counter mode.
Serial interface interrupt
When external clock is selected.
Voltage monitor 2 interrupt
Usable in digital filter disabled mode (VW2C1 bit in VW2C register
is set to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com