Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 45Page - Renesas Technology Corp R8C/18 Datasheet HTML 46Page - Renesas Technology Corp R8C/18 Datasheet HTML 47Page - Renesas Technology Corp R8C/18 Datasheet HTML 48Page - Renesas Technology Corp R8C/18 Datasheet HTML 49Page - Renesas Technology Corp R8C/18 Datasheet HTML 50Page - Renesas Technology Corp R8C/18 Datasheet HTML 51Page - Renesas Technology Corp R8C/18 Datasheet HTML 52Page - Renesas Technology Corp R8C/18 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 257 page
background image
R8C/18 Group, R8C/19 Group
6. Programmable I/O Ports
Rev.1.30
Apr 14, 2006
Page 34 of 233
REJ09B0222-0130
Figure 6.7
Registers PUR0 and PUR1
Figure 6.8
DRR Register
Pull-Up Control Register 0
Symbol
Address
After Reset
PUR0
00FCh
00XX0000b
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
P1_0 to P1_3 pull-up(1)
Reserved bits
P3_4 to P3_5, and P3_7 pll-up(1)
—
P3_3 pull-up(1)
RW
0 : Not pulled up
1 : Pulled up
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
0 : Not pulled up
1 : Pulled up
Set to 0.
b7 b6 b5 b4
PU03
b3 b2 b1
0
b0
0
(b1-b0)
RW
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
PU07
PU06
RW
RW
RW
P1_4 to P1_7 pull-up(1)
PU02
—
(b5-b4)
Pull-Up Control Register 1
Symbol
Address
Af ter Reset
PUR1
00FDh
XXXXXX0Xb
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b0
—
When the PU11 bit is set to 1 (pulled up), and the PD4_5 bit is set to 0 (input mode), the P4_5 pin is pulled up.
b3 b2 b1
b7 b6 b5 b4
—
(b7-b2)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b0)
Nothing is assigned. If necessary, set to 0.
When read, the content is undef ined.
—
PU11
P4_5 pull-up(1)
0 : Not pulled up
1 : Pulled up
RW
Port P1 Drive Capacity Control Register
Symbol
Address
After Reset
DRR
00FEh
00h
Bit Symbol
Bit Name
Function
RW
DRR0
DRR2
Set to 0.
b7 b6 b5 b4
000 0
b3 b2 b1 b0
RW
P1_2 drive capacity
DRR1
P1_1 drive capacity
RW
Set P1 N-channel output transistor drive
capacity.
0 : Low
1 : High
Reserved bits
(b7-b4)
RW
P1_0 drive capacity
DRR3
P1_3 drive capacity
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com