Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 91Page - Renesas Technology Corp R8C/18 Datasheet HTML 92Page - Renesas Technology Corp R8C/18 Datasheet HTML 93Page - Renesas Technology Corp R8C/18 Datasheet HTML 94Page - Renesas Technology Corp R8C/18 Datasheet HTML 95Page - Renesas Technology Corp R8C/18 Datasheet HTML 96Page - Renesas Technology Corp R8C/18 Datasheet HTML 97Page - Renesas Technology Corp R8C/18 Datasheet HTML 98Page - Renesas Technology Corp R8C/18 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 80 of 233
REJ09B0222-0130
12.1.6.4
Interrupt Sequence
An interrupt sequence is performed between an interrupt request acknowledgement and interrupt
routine execution.
When an interrupt request is generated while an instruction is being executed, the CPU determines
its interrupt priority level after the instruction is completed. The CPU starts the interrupt sequence
from the following cycle. However, for the SMOVB, SMOVF, SSTR, or RMPA instruction, if an
interrupt request is generated while the instruction is being executed, the MCU suspends the
instruction to start the interrupt sequence. The interrupt sequence is performed as indicated below.
Figure 12.5 shows the Time Required for Executing Interrupt Sequence.
(1) The CPU gets interrupt information (interrupt number and interrupt request level) by reading
address 00000h. The IR bit for the corresponding interrupt is set to 0 (interrupt not requested).
(2) The FLG register is saved to a temporary register(1) in the CPU immediately before entering
the interrupt sequence.
(3) The I, D, and U flags in the FLG register are set as follows:
The I flag is set to 0 (interrupts disabled).
The D flag is set to 0 (single-step interrupt disabled).
The U flag is set to 0 (ISP selected).
However, the U flag does not change state if an INT instruction for software interrupt numbers
32 to 63 is executed.
(4) The CPU’s internal temporary register(1) is saved to the stack.
(5) The PC is saved to the stack.
(6) The interrupt priority level of the acknowledged interrupt is set in the IPL.
(7) The starting address of the interrupt routine set in the interrupt vector is stored in the PC.
After the interrupt sequence is completed, instructions are executed from the starting address of the
interrupt routine.
NOTE:
1. This register cannot be used by user.
Figure 12.5
Time Required for Executing Interrupt Sequence
12
3
4
567
8
9
10
11
12
13
14
15
16
17
18
19
20
CPU clock
Address bus
Data bus
RD
WR
Address
0000h
Undefined
Undefined
Undefined
Interrupt
information
SP-2 SP-1
SP-4
SP-3
VEC
VEC+1
VEC+2
PC
SP-2
contents
SP-1
contents
SP-4
contents
SP-3
contents
VEC
contents
VEC+1
contents
VEC+2
contents
The undefined state depends on the instruction queue buffer. A read cycle occurs when the instruction queue buffer is
ready to acknowledge instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com