Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 51Page - Renesas Technology Corp R8C/18 Datasheet HTML 52Page - Renesas Technology Corp R8C/18 Datasheet HTML 53Page - Renesas Technology Corp R8C/18 Datasheet HTML 54Page - Renesas Technology Corp R8C/18 Datasheet HTML 55Page - Renesas Technology Corp R8C/18 Datasheet HTML 56Page - Renesas Technology Corp R8C/18 Datasheet HTML 57Page - Renesas Technology Corp R8C/18 Datasheet HTML 58Page - Renesas Technology Corp R8C/18 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 257 page
background image
R8C/18 Group, R8C/19 Group
7. Voltage Detection Circuit
Rev.1.30
Apr 14, 2006
Page 40 of 233
REJ09B0222-0130
7.
Voltage Detection Circuit
The voltage detection circuit monitors the input voltage to the VCC pin. This circuit can be used to monitor
the VCC input voltage by a program. Alternately, voltage monitor 1 reset, voltage monitor 2 interrupt, and
voltage monitor 2 reset can also be used.
Table 7.1 lists the Specifications of Voltage Detection Circuit and Figures 7.1 to 7.3 show the Block
Diagrams. Figures 7.4 to 7.6 show the Associated Registers.
Table 7.1
Specifications of Voltage Detection Circuit
Item
Voltage Detection 1
Voltage Detection 2
VCC monitor
Voltage to monitor
Vdet1
Vdet2
Detection target
Passing through Vdet1
by rising or falling
Passing through Vdet2 by
rising or falling
Monitor
None
VCA13 bit in VCA1
register
Whether VCC is higher or
lower than Vdet2
Process when voltage is
detected
Reset
Voltage monitor 1 reset
Voltage monitor 2 reset
Reset at Vdet1 > VCC;
restart CPU operation at
VCC > Vdet1
Reset at Vdet2 > VCC;
restart CPU operation
after a specified time
Interrupt
None
Voltage monitor 2
interrupt
Interrupt request at Vdet2
> VCC and VCC > Vdet2
when digital filter is
enabled;
interrupt request at Vdet2
> VCC or VCC > Vdet2
when digital filter is
disabled
Digital filter
Switch
enabled/disabled
Available
Available
Sampling time
(Divide-by-n of fRING-S)
x 4
n: 1, 2, 4, and 8
(Divide-by-n of fRING-S)
x 4
n: 1, 2, 4, and 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com