Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 55Page - Renesas Technology Corp R8C/18 Datasheet HTML 56Page - Renesas Technology Corp R8C/18 Datasheet HTML 57Page - Renesas Technology Corp R8C/18 Datasheet HTML 58Page - Renesas Technology Corp R8C/18 Datasheet HTML 59Page - Renesas Technology Corp R8C/18 Datasheet HTML 60Page - Renesas Technology Corp R8C/18 Datasheet HTML 61Page - Renesas Technology Corp R8C/18 Datasheet HTML 62Page - Renesas Technology Corp R8C/18 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 257 page
background image
R8C/18 Group, R8C/19 Group
7. Voltage Detection Circuit
Rev.1.30
Apr 14, 2006
Page 44 of 233
REJ09B0222-0130
Figure 7.5
VW1C Register
Voltage Monitor 1 Circuit Control Register
(1)
Symbol
Address
After reset(2)
VW1C
0036h
Hardw are reset : 0000X000b
Pow er-on reset, voltage monitor 1 reset :
0100X001b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
Set the PRC3 bit in the PRCR register to 1 (w rite enable) before w riting to this register.
When rew riting the VW1C register, the VW1C2 bit may be set to 1. Set the VW1C2 bit to 0 after rew riting the VW1C
register.
The value remains unchanged after a softw are reset, w atchdog timer reset, or voltage monitor 2 reset.
The VW1C0 bit is enabled w hen the VCA26 bit in the VCA2 register is set to 1 (voltage detection 1 circuit enabled).
Set the VW1C0 bit to 0 (disable), w hen the VCA26 bit is set to 0 (voltage detection 1 circuit disabled).
VW1C7
Voltage monitor 1 reset generation
condition select bit
When the VW1C1 bit is set to 1 (digital filter
disabled mode), set to 1.
RW
VW1C6
Voltage monitor 1 circuit mode
select bit
When the VW1C0 bit is set to 1 (voltage
monitor 1 reset enabled), set to 1.
RW
—
(b3)
Reserved bit
VW1F1
RW
Sampling clock select bits
b5 b4
0 0 : fRING-S divided by 1
0 1 : fRING-S divided by 2
1 0 : fRING-S divided by 4
1 1 : fRING-S divided by 8
VW1F0
RW
When read, the content is undefined.
RO
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW1C2
Reserved bit
VW1C1
Voltage monitor 1 digital filter
disable mode select bit
VW1C0
RW
Voltage monitor 1 reset enable
bit(3)
0 : Disable
1 : Enable
b7 b6 b5 b4 b3 b2
Set to 0.
RW
b1 b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com