Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 66Page - Renesas Technology Corp R8C/18 Datasheet HTML 67Page - Renesas Technology Corp R8C/18 Datasheet HTML 68Page - Renesas Technology Corp R8C/18 Datasheet HTML 69Page - Renesas Technology Corp R8C/18 Datasheet HTML 70Page - Renesas Technology Corp R8C/18 Datasheet HTML 71Page - Renesas Technology Corp R8C/18 Datasheet HTML 72Page - Renesas Technology Corp R8C/18 Datasheet HTML 73Page - Renesas Technology Corp R8C/18 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 55 of 233
REJ09B0222-0130
Figure 10.2
CM0 Register
System Clock Control Register 0
(1)
Symbol
Address
After Reset
CM0
0006h
68h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5. When entering stop mode from high or medium speed mode, the CM06 bit is set to 1 (divide-by-8 mode).
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the CM0 register.
The CM05 bit stops the main clock w hen the on-chip oscillator mode is selected.
Do not use this bit to detect w hether the main clock is stopped. To stop the main clock, set the bits in the follow ing
order:
(a) Set bits OCD1 and OCD0 in the OCD register to 00b (oscillation stop detection function disabled).
(b) Set the OCD2 bit to 1 (selects on-chip oscillator clock).
To input an external clock, set the CM05 bit to 1 (main clock stops) and the CM13 bit in the CM1 register to 1
(XIN-XOUT pin).
When the CM05 bit is set to 1 (main clock stops), P4_6 and P4_7 can be used as input ports.
—
(b7)
Reserved bit
Set to 0.
RW
CM06
System clock division select bit 0(5)
0 : CM16, CM17 enabled
1 : Divide-by-8 mode
RW
CM05
Main clock (XIN-XOUT) stop bit(2, 4)
0 : Main clock oscillates.
1 : Main clock stops.(3)
RW
—
(b4)
Reserved bit
Set to 0.
RW
—
(b3)
Reserved bit
Set to 1.
RW
CM02
WAIT peripheral function clock stop
bit
0 : Peripheral function clock does not stop
in w ait mode.
1 : Peripheral function clock stops in
w ait mode.
RW
—
(b1-b0)
Reserved bits
Set to 0.
RW
10 0
00
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com