Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 93Page - Renesas Technology Corp R8C/18 Datasheet HTML 94Page - Renesas Technology Corp R8C/18 Datasheet HTML 95Page - Renesas Technology Corp R8C/18 Datasheet HTML 96Page - Renesas Technology Corp R8C/18 Datasheet HTML 97Page - Renesas Technology Corp R8C/18 Datasheet HTML 98Page - Renesas Technology Corp R8C/18 Datasheet HTML 99Page - Renesas Technology Corp R8C/18 Datasheet HTML 100Page - Renesas Technology Corp R8C/18 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 82 of 233
REJ09B0222-0130
12.1.6.7
Saving a Register
In the interrupt sequence, the FLG register and PC are saved to the stack.
After an extended 16 bits, 4 high-order bits in the PC and 4 high-order (IPL) and 8 low-order bits in
the FLG register, are saved to the stack, the 16 low-order bits in the PC are saved. Figure 12.7
shows the Stack State Before and After Acknowledgement of Interrupt Request.
The other necessary registers are saved by a program at the beginning of the interrupt routine. The
PUSHM instruction can save several registers in the register bank being currently used(1) with a
single instruction.
NOTE:
1. Selectable from registers R0, R1, R2, R3, A0, A1, SB, and FB.
Figure 12.7
Stack State Before and After Acknowledgement of Interrupt Request
The register saving operation, which is performed as part of the interrupt sequence, saved in 8 bits at
a time in four steps. Figure 12.8 shows the Register Saving Operation.
.
Figure 12.8
Register Saving Operation
Stack
[SP]
SP value before
interrupt is generated
Previous stack contents
LSB
MSB
Address
Previous stack contents
m
−4
m
−3
m
−2
m
−1
m
m+1
Stack state before interrupt request
is acknowledged
[SP]
New SP value
Previous stack contents
LSB
MSB
Previous stack contents
m
m+1
Stack state after interrupt request
is acknowledged
PCL
PCM
FLGL
FLGH
PCH
m
−4
m
−3
m
−2
m
−1
Stack
Address
PCH
: 4 high-order bits of PC
PCM
: 8 middle-order bits of PC
PCL
: 8 low-order bits of PC
FLGH
: 4 high-order bits of FLG
FLGL
: 8 low-order bits of FLG
NOTE:
1.When executing software number 32 to 63 INT instructions,
this SP is specified by the U flag. Otherwise it is ISP.
Stack
Completed saving
registers in four
operations.
Address
[SP]
−5
[SP]
PCL
PCM
FLGL
FLGH
PCH
(3)
(4)
(1)
(2)
Saved, 8 bits at a time
Sequence in which
order registers are
saved
NOTE:
1. [SP] indicates the initial value of the SP when an interrupt request is acknowledged.
After registers are saved, the SP content is [SP] minus 4. When executing software number 32 to 63
INT instructions, this SP is specified by the U flag. Otherwise it is ISP.
[SP]
−4
[SP]
−3
[SP]
−2
[SP]
−1
PCH
: 4 high-order bits of PC
PCM
: 8 middle-order bits of PC
PCL
: 8 low-order bits of PC
FLGH
: 4 high-order bits of FLG
FLGL
: 8 low-order bits of FLG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com