Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 28Page - Renesas Technology Corp R8C/18 Datasheet HTML 29Page - Renesas Technology Corp R8C/18 Datasheet HTML 30Page - Renesas Technology Corp R8C/18 Datasheet HTML 31Page - Renesas Technology Corp R8C/18 Datasheet HTML 32Page - Renesas Technology Corp R8C/18 Datasheet HTML 33Page - Renesas Technology Corp R8C/18 Datasheet HTML 34Page - Renesas Technology Corp R8C/18 Datasheet HTML 35Page - Renesas Technology Corp R8C/18 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 257 page
background image
R8C/18 Group, R8C/19 Group
3. Memory
Rev.1.30
Apr 14, 2006
Page 17 of 233
REJ09B0222-0130
3.2
R8C/19 Group
Figure 3.2 is a Memory Map of R8C/19 Group. The R8C/19 group has 1 Mbyte of address space from
addresses 00000h to FFFFFh.
The internal ROM (program ROM) is allocated lower addresses, beginning with address 0FFFFh. For
example, a 16-Kbyte internal ROM area is allocated addresses 0C000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. They store the starting
address of each interrupt routine.
The internal ROM (data flash) is allocated addresses 02400h to 02BFFh.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 1-
Kbyte internal RAM area is allocated addresses 00400h to 007FFh. The internal RAM is used not only
for storing data but also for calling subroutines and as stacks when interrupt requests are
acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh. The peripheral function
control registers are allocated here. All addresses within the SFR, which have nothing allocated are
reserved for future use and cannot be accessed by users.
Figure 3.2
Memory Map of R8C/19 Group
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer • oscillation stop detection • voltage monitor 2
Address break
(Reserved)
Reset
Part Number
Internal ROM
Internal RAM
Size
Address 0YYYYh
16 Kbytes
12 Kbytes
8 Kbytes
4 Kbytes
0C000h
0D000h
0E000h
0F000h
1 Kbyte
768 bytes
512 bytes
384 bytes
007FFh
006FFh
005FFh
0057Fh
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Expanded area
Internal RAM
SFR
(See 4. Special Function
Registers (SFRs))
0FFFFh
0FFDCh
Size
Address 0XXXXh
02BFFh
02400h
Internal ROM
(data flash)(1)
NOTES:
1. Data flash block A (1 Kbyte) and B (1 Kbyte) are shown.
2. The blank regions are reserved. Do not access locations in these regions.
R5F21194SP, R5F21194DSP, R5F21194DD, R5F21194NP
R5F21193SP, R5F21193DSP, R5F21193DD, R5F21193NP
R5F21192SP, R5F21192DSP, R5F21192DD, R5F21192NP
R5F21191SP, R5F21191DSP, R5F21191DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com